Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44353 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC44353
Description  MULTI?밪TANDARD AND PAL/NTSC MODULATOR ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44353 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC44353 Datasheet HTML 3Page - Motorola, Inc MC44353 Datasheet HTML 4Page - Motorola, Inc MC44353 Datasheet HTML 5Page - Motorola, Inc MC44353 Datasheet HTML 6Page - Motorola, Inc MC44353 Datasheet HTML 7Page - Motorola, Inc MC44353 Datasheet HTML 8Page - Motorola, Inc MC44353 Datasheet HTML 9Page - Motorola, Inc MC44353 Datasheet HTML 10Page - Motorola, Inc MC44353 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MC44353 MC44354 MC44355
7
MOTOROLA ANALOG IC DEVICE DATA
AUDIO CHARACTERISTICS
Characteristic
Test Conditions
Min
Typ
Max
Unit
Type
Audio input level AM Step 3, (SECAM)
for 85% AM modulation of sound
bi
240
290
340
mVrms
B @
fs = 6.5 MHz, (for 8 steps see Table 4 –
MC44353 Only)
subcarrier
6.5
MHz
Audio input level FM Step 3
f
/ 40 kH d
i i
i
240
305
370
mVrms
B @
fs = 5.5, 6.0 or 6.5 MHz, (for 8 steps see
table 4 – MC44353/4 Only
for +/– 40 kHz deviation using
specified pre–emphasis circuit
5.5
MHz
Audio input Level FM
specified pre–emphasis circuit
(FM), Audio frequency= 1.0 kHz
155
195
235
mVrms
B @
fs = 5.5, 6.0 or 6.5 MHz (MC44355 Only)
(FM), Audio frequency= 1.0 kHz
5.5
MHz
Audio input level FM Step 3
f20 kH d
i i
i
240
305
370
mVrms
D
fs = 4.5 MHz (NTSC), (for 8 steps see
table 4 – MC44353/4 Only
for
±20 kHz deviation using
specified pre–emphasis circuit
Audio input Level FM
pp
p
(FM), Audio frequency= 1.0 kHz
155
195
235
mVrms
D
fs = 4.5 MHz (NTSC) (MC44355 Only)
Audio input resistance
at 15 kHz
30
50
75
k
B
Audio Frequency response
Minimum
–3.0 dB; ref 1.0 kHz; using
specified pre–emphasis circuit
40
Hz
D
Minimum
–1.5 dB; ref 1.0 kHz; using
60
Hz
D
Maximum
;;
g
specified pre–emphasis circuit
15
kHz
D
Audio Distortion FM (THD only)
@ 1.0 kHz; 100% mod (
±50 kHz
No Video
0.4
2
%
C
Audio Distortion AM (THD only)
@ 1.0 kHz; 85% mod, No Video
1.5
2.5
%
D
Audio S/N with Sync Buzz FM
See Figure 8
Figure 8
Figure 8
dB
C
Audio S/N with Sync Buzz AM
Ref 1 khz; 85% mod; Video input
EBU color bar 75%; Audio BW 40
Hz to 15 kHz – Weighing filter
CCIR 468–2
45
50
dB
D
Sound/Picture ratio Step 3 (8 steps of 1.0
dB, see table P/S Ratio – MC44353/4
only)
Step 3 (typ 80%) PAL & Step 1
(typ 80%) SECAM Video Mod
depth
11
14.5
18
dB
B
Sound/Picture ratio Step 5 (2 settings, see
table P/S Ratio – MC44355 only)
13
16.5
20
dB
B
NOTE:
1. The frequency dependent specifications are greatly influenced by the PCB layout in the application. These specifications have all been measured
using a Motorola application layout and circuit similarly as shown in Figures 19 and 21. The reference number for ordering this evaluation board
is MC44350EVK.
60
21
Channel Number
24 27 30 33 36 39 42 45 48 51 54 57 60 63 66 69
55
50
45
Typical Performance
Maximum Specification Limit
Figure 8. Audio Signal to Noise


Similar Part No. - MC44353

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44302A MOTOROLA-MC44302A Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302ADW MOTOROLA-MC44302ADW Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302AP MOTOROLA-MC44302AP Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
More results

Similar Description - MC44353

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC373 MOTOROLA-MC44BC373 Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com