Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX408AK Datasheet(PDF) 7 Page - Sony Corporation

Part # ICX408AK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX408AK Datasheet(HTML) 7 Page - Sony Corporation

Back Button ICX408AK Datasheet HTML 3Page - Sony Corporation ICX408AK Datasheet HTML 4Page - Sony Corporation ICX408AK Datasheet HTML 5Page - Sony Corporation ICX408AK Datasheet HTML 6Page - Sony Corporation ICX408AK Datasheet HTML 7Page - Sony Corporation ICX408AK Datasheet HTML 8Page - Sony Corporation ICX408AK Datasheet HTML 9Page - Sony Corporation ICX408AK Datasheet HTML 10Page - Sony Corporation ICX408AK Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
– 7 –
ICX408AK
Clock Switching Characteristics
Item
Readout clock
Vertical transfer
clock
Reset gate clock
Substrate clock
VT
V
φ1, Vφ2,
V
φ3, Vφ4
H
φ1
H
φ2
H
φ1
H
φ2
φRG
φSUB
2.3
26
26
11
1.5
2.5
28.5
28.5
5.38
13
1.8
26
26
28.5
28.5
5.38
51
0.5
6.5
6.5
0.01
0.01
3
9.5
9.5
0.5
15
0.5
6.5
6.5
0.01
0.01
3
250
9.5
9.5
0.5
µs
ns
ns
µs
ns
µs
During
readout
1
2
During drain
charge
Symbol
twh
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
Unit
Remarks
1 When vertical transfer clock driver CXD1267AN is used.
2 tf ≥ tr – 2ns, and the cross-point voltage (V
CR
) for the H
φ1 rising side of the Hφ1 and Hφ2 waveforms must be
at least V
φH/2 [V].
During
imaging
During
parallel-serial
conversion
Item
Horizontal transfer clock
H
φ1, Hφ2
22
26
ns
3
Symbol
two
Min.
Typ.
Max.
Unit
Remarks
3 The overlap period for twh and twl of horizontal transfer clocks Hφ
1
and H
φ2 is two.


Similar Part No. - ICX408AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results

Similar Description - ICX408AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX054BK SONY-ICX054BK Datasheet
208Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com