Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44725 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC44725
Description  Digital Video Encoder
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44725 Datasheet(HTML) 3 Page - Motorola, Inc

  MC44725 Datasheet HTML 1Page - Motorola, Inc MC44725 Datasheet HTML 2Page - Motorola, Inc MC44725 Datasheet HTML 3Page - Motorola, Inc MC44725 Datasheet HTML 4Page - Motorola, Inc MC44725 Datasheet HTML 5Page - Motorola, Inc MC44725 Datasheet HTML 6Page - Motorola, Inc MC44725 Datasheet HTML 7Page - Motorola, Inc MC44725 Datasheet HTML 8Page - Motorola, Inc MC44725 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
MC44724/5 Rev 0.21 03/25/97
No.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
[Pin Descriptions]
1
CVBS/Cb/B1
O
Analog composite video signal output or Cb or B signal output current drive(positive)
2
CVBS/Cb/B1
O
Analog composite video signal output or Cb or B signal output current drive(negative)
3
CVBS/Cb/B1Vdd
Power Supply for CVBS / Cb / B DAC circuit
4
Y/G1
O
Analog luminance or G signal output current drive(positive)
5
Y/G1
O
Analog luminance or G signal output current drive(negative)
6
Y/G1Vdd
Power Supply for Y / G DAC circuit
7
C/Cr/R1
O
Analog chrominance signal output or Cr or R signal output current drive(positive)
8
C/Cr/R1
O
Analog chrominance signal output or Cr or R signal output current drive(negative)
9
C/Cr/R1Vdd
Power Supply for C / Cr /R DAC circuit
10
DAVss
Ground for DAC circuit
11
Ibias1
O
Reference current for the 3 DACs1
12
Vref1
Reference full scale voltage for the 3 DACs1
13
DAVdd
Power Supply for the DACs
14
Vref2
Reference full scale voltage for the 3 DACs2
15
Ibias2
O
Reference current for the 3 DACs2
16
NC
No Connect to pin
17
CVBS/Cb/B2
O
Analog composite video signal output or Cb or B signal output current drive(positive)
18
CVBS/Cb/B2
O
Analog composite video signal output or Cb or B signal output current drive(negative)
19
CVBS/Cb/B2Vdd
Power Supply for CVBS / Cb / B DAC circuit
20
Y/G2
O
Analog luminance or G signal output current drive(positive)
21
Y/G2
O
Analog luminance or G signal output current drive(negative)
22
Y/GVdd
Power Supply for Y / G DAC circuit
23
C/Cr/R2
O
Analog chrominance signal output or Cr or R signal output current drive(positive)
24
C/Cr/R2
O
Analog chrominance signal output or Cr or R signal output current drive(negative)
25
C/Cr/R2Vdd
Power Supply for C / Cr /R DAC circuit
26
ChipA
I2C chip address select { 0 : 40(hex)/41(hex) 1 : 1D(hex )/1E(hex) }
27
TEST
I
TEST pin(Ground)
28
DVss
Ground for Digital circuit
29
CLOCK
I
27MHz clock input
30
DVdd
Power Supply for Digital circuit
31
Reset
I
Reset signal, active LOW
32
PAL/NTSC
I
NTSC/PAL select . This pin active only Reset time. (NTSC : Low PAL : High )
33
SO
z(O) If SPI mode, serial data output / If I2C mode, connect to Ground
34
SDA/SI
I/O(I) Serial data input, Open drain output / If SPI mode, serial data input
35
SCL/SCK
I
Serial clock
36
SEL
(I) Connect to Ground / If SPI mode, this pin is chip select
37
DVdd
Power Supply for Digital circuit
38
DVss
Ground for Digital circuit
39~46
DVIN7~0
I/O Multiplexed 4:2:2 data(CCIR Rec656/601) input (1)
47
TVIN
I/O TEST data input
48
EXT
I/O Csync/Frame sync output, or external VBI information input
49
F/Vsync
I/O Frame sync or Vertical sync input/output
50
Hsync
I/O Horizontal sync input/output
51
DATST
I
MUX swith in 8-bit X 2 Multiplexed 4:2:2 data(CCIR Rec656/601) input (1) and (2), or
for D/A converter test
52~55
TP8~5
I/O 8-bit Multiplexed 4:2:2 data(CCIR Rec656/601) input (2), or Multiplexed Cr/Cb data
(CCIR Rec656/601) input in 16-bit input mode, or Test data input/output (TP8 : MSB)
56
DVss
Ground for Digital circuit
57
DVdd
Power Supply for Digital circuit
58~61
TP4~1
I/O Multiplexed 4:2:2 data(CCIR Rec656/601) input (2), or Multiplexed Cr/Cb data
(CCIR Rec656/601) input in 16-bit input mode, or Test data input/output (TP1 : LSB)
62
TP0
I/O Test data inout/output
63
DLVdd
Power Supply D/A Converter Digital circuit
64
DLVss
Ground for D/A Coverter Digital circuit
3
PIN
NAME
I/O
DESCRIPTIONS


Similar Part No. - MC44725

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44725A MOTOROLA-MC44725A Datasheet
372Kb / 45P
   Advanced Digital Video Encoder
More results

Similar Description - MC44725

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com