Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44824 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC44824
Description  TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44824 Datasheet(HTML) 2 Page - Motorola, Inc

  MC44824 Datasheet HTML 1Page - Motorola, Inc MC44824 Datasheet HTML 2Page - Motorola, Inc MC44824 Datasheet HTML 3Page - Motorola, Inc MC44824 Datasheet HTML 4Page - Motorola, Inc MC44824 Datasheet HTML 5Page - Motorola, Inc MC44824 Datasheet HTML 6Page - Motorola, Inc MC44824 Datasheet HTML 7Page - Motorola, Inc MC44824 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC44824/25
2
MOTOROLA ANALOG IC DEVICE DATA
Representative Block Diagram
This device contains 3,204 active transistors.
Gnd
Test
Logic
Buffers
Latches
P–On
Reset
I2C Bus
Receiver
Latches
Phase
Comp
Ref
Divider
3.2 or 4.0
MHz Osc
Latch Control
Program Divider
15 Bit
Latches B
Latches A
Shift Register
15 Bit
÷8
Prescaler
Preamp
DTB2
POR
Operational
Amplifier
2.7 V
DTB1
CL
Data
RL
DTF
Fout
TDI
Fout
Fref
T10, T11
T9, T12, T14
T13
T8
4
7
9
(10)
8
(9)
(7)
6
(6)
14
(16)
10
(12)
5.0 V
Fout
Fref
13 (15)
7 (8)
4 (4)
5 (5)
11 (13)
CA
SDA
SCL
HF Input1
VCC
UD
PD
XTAL2
B7
B4
B2
B1
DTS, EN
512/1024
1 (1)
3 (3)
12 (14)
HF Input2
XTAL1
2 (2)
Gnd
(11)
B0
MC44825 Pin Numbers ( )
PIN FUNCTION DESCRIPTION
Pin
Sb l
Di
i
MC44824
MC44825
Symbol
Description
1
1
PD
Input of tuning voltage amplifier
2
2
XTAL1
First crystal input is the active pin at the oscillators
3
3
XTAL2
Second crystal input is the internal ground
4
4
SDA
Data input
5
5
SCL
Clock input of the I2C bus
6, 8, 9
B7, B2, B1
Band buffer (open collector) outputs for up to 10 mA
6, 7, 9, 10, 11
B7, B4, B2, B1, B0
Band buffer (open collector) outputs for up to 10 mA
7
8
CA
Chip address selection pin
10
12
VCC
Supply voltage, typical 5.0 V
11, 12
13, 14
HF1/HF2
Symmetric HF inputs from local oscillator
13
15
GND
Ground
14
16
UD
Output of the tuning voltage amplifier. Needs an external NPN with pull–up
resistor to drive the varicaps


Similar Part No. - MC44824

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44826 MOTOROLA-MC44826 Datasheet
140Kb / 8P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44826D MOTOROLA-MC44826D Datasheet
140Kb / 8P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44827 MOTOROLA-MC44827 Datasheet
161Kb / 8P
   LOW?밣OWER PLL TUNING CIRCUIT
MC44827BDTB MOTOROLA-MC44827BDTB Datasheet
161Kb / 8P
   LOW?밣OWER PLL TUNING CIRCUIT
MC44827DTB MOTOROLA-MC44827DTB Datasheet
161Kb / 8P
   LOW?밣OWER PLL TUNING CIRCUIT
More results

Similar Description - MC44824

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
MC44829 MOTOROLA-MC44829 Datasheet
140Kb / 10P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44826 MOTOROLA-MC44826 Datasheet
140Kb / 8P
   TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
Motorola, Inc
MC44864 MOTOROLA-MC44864 Datasheet
207Kb / 12P
   PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND D/A CONVERTERS
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com