Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V016SA Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71V016SA
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V016SA Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71V016SA_13 Datasheet HTML 1Page - Integrated Device Technology IDT71V016SA_13 Datasheet HTML 2Page - Integrated Device Technology IDT71V016SA_13 Datasheet HTML 3Page - Integrated Device Technology IDT71V016SA_13 Datasheet HTML 4Page - Integrated Device Technology IDT71V016SA_13 Datasheet HTML 5Page - Integrated Device Technology IDT71V016SA_13 Datasheet HTML 6Page - Integrated Device Technology IDT71V016SA_13 Datasheet HTML 7Page - Integrated Device Technology IDT71V016SA_13 Datasheet HTML 8Page - Integrated Device Technology IDT71V016SA_13 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
IDT71V016SA, 3.3V CMOS Static RAM
1 Meg (64K x 16-Bit)
Commercial and Industrial Temperature Ranges
1
2
3456
A
BLE
OE
A0
A1
A2
NC
B
I/O8
BHE
A3
A4
CS
I/O0
C
I/O9
I/O10
A5
A6
I/O1
I/O2
DVSS
I/O11
NC
A7
I/O3
VDD
EVDD
I/O12
NC
NC
I/O4
VSS
F
I/O14
I/O13
A14
A15
I/O5
I/O6
G
I/O15
NC
A12
A13
WE
I/O7
HNC
A8
A9
A10
A11
NC
3834 tbl 02a
Pin Configurations
SOJ/TSOP
Top View
Pin Description
Truth Table(1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
I/O7
NC
A12
A13
A14
A15
WE
I/O6
I/O5
I/O4
VSS
VDD
I/O3
I/O2
I/O1
I/O0
CS
A0
A1
A2
A3
A4
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A6
A7
OE
BHE
BLE
I/O15
I/O14
I/O13
I/O12
VSS
VDD
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
NC
A5
NC
SO44-1
SO44-2
3834 drw 02
NOTE:
1. H = VIH, L = VIL, X = Don't care.
CS
OE
WE
BLE
BHE
I/O0-I/O7
I/O8-I/O15
Function
H
X
X
X
X
High-Z
High-Z
Deselected – Standby
LL
H
L
H
DATAOUT
High-Z
Low Byte Read
L
L
H
H
L
High-Z
DATAOUT
High Byte Read
LL
H
L
L
DATAOUT
DATAOUT
Word Read
LX
L
L
L
DATAIN
DATAIN
Word Write
LX
L
L
H
DATAIN
High-Z
Low Byte Write
L
X
L
H
L
High-Z
DATAIN
High Byte Write
L
H
H
X
X
High-Z
High-Z
Outputs Disabled
L
X
X
H
H
High-Z
High-Z
Outputs Disabled
3834 tbl 02
FBGA (BF48-1)
Top View


Similar Part No. - IDT71V016SA_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA10BF8 IDT-IDT71V016SA10BF8 Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA10BFI8 IDT-IDT71V016SA10BFI8 Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA10PH8 IDT-IDT71V016SA10PH8 Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA10PHI8 IDT-IDT71V016SA10PHI8 Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA10Y8 IDT-IDT71V016SA10Y8 Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT71V016SA_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416S IDT-IDT71V416S_16 Datasheet
645Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com