Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V547XS Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V547XS
Description  Synchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V547XS Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V547XS Datasheet HTML 1Page - Integrated Device Technology IDT71V547XS Datasheet HTML 2Page - Integrated Device Technology IDT71V547XS Datasheet HTML 3Page - Integrated Device Technology IDT71V547XS Datasheet HTML 4Page - Integrated Device Technology IDT71V547XS Datasheet HTML 5Page - Integrated Device Technology IDT71V547XS Datasheet HTML 6Page - Integrated Device Technology IDT71V547XS Datasheet HTML 7Page - Integrated Device Technology IDT71V547XS Datasheet HTML 8Page - Integrated Device Technology IDT71V547XS Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
IDT71V547, 128K x 36, 3.3V Synchronous SRAM with
ZBT
 Feature, Burst Counter and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings(1)
Capacitance
(TA = +25°C, f = 1.0MHz, TQFP package)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VDD and Input terminals only.
3. I/O terminals.
NOTE:
1. Thisparameterisguaranteedbydevicecharacterization,butnotproductiontested.
Symbol
Rating
Value
Unit
VTERM(2)
Supply Voltage on VDD with
Respect to GND
–0.5 to +3.6
V
VTERM(3)
DC Input Voltage(5)
–0.5 to VDDQ+0.5
V
VTERM(4)
DC Voltage Applied to Outputs in
High-Z State(5)
–0.5 to VDDQ+0.5
V
TA
Operating Temperature
0°C to 70°C
°C
TBIAS
Ambient Temperature with Power
Applied (Temperature Under
Bias)
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Current into Outputs (Low)
20
mA
VESD
Static Discharge Voltage
(per MIL-STD-883, Method 3015)
>2001
V
ILU
Latch-Up Current
>200
mA
5284 tbl 05
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3822 tbl 06
RecommendedOperating
Temperature and Supply Voltage
Recommended DC Operating
Conditions
NOTES:
1. VIL (min.) = –1.0V for pulse width less than tCYC/2, once per cycle.
2. VIH (max.) = +6.0V for pulse width less than tCYC/2, once per cycle.
Grade
Temperature
VSS
VDD
Commercial
0OC to +70OC0V
3.3V±5%
Industrial
-40OC to +85OC0V
3.3V±5%
3822 tbl 03
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.135
3.3
3.465
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage - Inputs
2.0
____
4.6
V
VIH
Input High Voltage - I/O
2.0
____
VDD+0.3(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
3822 tbl 04


Similar Part No. - IDT71V547XS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V547 IDT-IDT71V547 Datasheet
162Kb / 19P
   128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs
IDT71V547S100PF IDT-IDT71V547S100PF Datasheet
162Kb / 19P
   128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs
IDT71V547S100PFI IDT-IDT71V547S100PFI Datasheet
162Kb / 19P
   128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs
IDT71V547S80PF IDT-IDT71V547S80PF Datasheet
162Kb / 19P
   128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs
IDT71V547S80PFI IDT-IDT71V547S80PFI Datasheet
162Kb / 19P
   128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs
More results

Similar Description - IDT71V547XS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
KM732V689A SAMSUNG-KM732V689A Datasheet
493Kb / 15P
   64Kx32 Synchronous SRAM
KM736V689 SAMSUNG-KM736V689 Datasheet
437Kb / 15P
   64Kx36 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
KM732V696 SAMSUNG-KM732V696 Datasheet
497Kb / 16P
   64Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com