Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V016SA15BFGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71V016SA15BFGI8
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V016SA15BFGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  71V016SA15BFGI8 Datasheet HTML 1Page - Integrated Device Technology 71V016SA15BFGI8 Datasheet HTML 2Page - Integrated Device Technology 71V016SA15BFGI8 Datasheet HTML 3Page - Integrated Device Technology 71V016SA15BFGI8 Datasheet HTML 4Page - Integrated Device Technology 71V016SA15BFGI8 Datasheet HTML 5Page - Integrated Device Technology 71V016SA15BFGI8 Datasheet HTML 6Page - Integrated Device Technology 71V016SA15BFGI8 Datasheet HTML 7Page - Integrated Device Technology 71V016SA15BFGI8 Datasheet HTML 8Page - Integrated Device Technology 71V016SA15BFGI8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AUGUST 2013
1
© 2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-3834/13
Features
64K x 16 advanced high-speed CMOS Static RAM
Equal access and cycle times
— Commercial:10/12/15/20ns
— Industrial:10/12/15/20ns
One Chip Select plus one Output Enable pin
Bidirectional data inputs and outputs directly
LVTTL-compatible
Low power consumption via chip deselect
Upper and Lower Byte Enable Pins
Single 3.3V power supply
Available in 44-pin Plastic SOJ, 44-pin TSOP, and
48-Ball Plastic FBGA packages
Description
TheIDT71V016isa1,048,576-bithigh-speedStaticRAMorganized
as64Kx16.Itisfabricatedusinghigh-perfomance,high-reliabilityCMOS
technology.Thisstate-of-the-arttechnology,combinedwithinnovative
circuitdesigntechniques,providesacost-effectivesolutionforhigh-speed
memoryneeds.
The IDT71V016 has an output enable pin which operates as fast as
5ns,withaddressaccesstimesasfastas10ns.Allbidirectionalinputsand
outputsoftheIDT71V016areLVTTLcompatibleandoperationisfroma
single3.3Vsupply.Fullystaticasynchronouscircuitryisused,requiring
no clocks or refresh for operation.
TheIDT71V016ispackagedinaJEDECstandard44-pinPlasticSOJ,
a 44-pin TSOP Type II, and a 48-ball plastic 7 x 7 mm FBGA.
Functional Block Diagram
Output
Enable
Buffer
Address
Buffers
Chip
Enable
Buffer
Write
Enable
Buffer
Byte
Enable
Buffers
OE
A0 –A15
Row / Column
Decoders
CS
WE
BHE
BLE
64K x 16
Memory
Array
Sense
Amps
and
Write
Drivers
16
Low
Byte
I/O
Buffer
8
8
8
8
I/O8
I/O15
I/O7
I/O0
3834 drw 01
High
Byte
I/O
Buffer
3.3V CMOS Static RAM
1 Meg (64K x 16-Bit)
IDT71V016SA


Similar Part No. - 71V016SA15BFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V016SA10BF RENESAS-71V016SA10BF Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BF8 RENESAS-71V016SA10BF8 Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BFG RENESAS-71V016SA10BFG Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BFG8 RENESAS-71V016SA10BFG8 Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71V016SA10BFGI RENESAS-71V016SA10BFGI Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
More results

Similar Description - 71V016SA15BFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416S IDT-IDT71V416S_16 Datasheet
645Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com