Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V2546S100BGGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71V2546S100BGGI8
Description  3.3V Synchronous ZBT SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2546S100BGGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  71V2546S100BGGI8 Datasheet HTML 1Page - Integrated Device Technology 71V2546S100BGGI8 Datasheet HTML 2Page - Integrated Device Technology 71V2546S100BGGI8 Datasheet HTML 3Page - Integrated Device Technology 71V2546S100BGGI8 Datasheet HTML 4Page - Integrated Device Technology 71V2546S100BGGI8 Datasheet HTML 5Page - Integrated Device Technology 71V2546S100BGGI8 Datasheet HTML 6Page - Integrated Device Technology 71V2546S100BGGI8 Datasheet HTML 7Page - Integrated Device Technology 71V2546S100BGGI8 Datasheet HTML 8Page - Integrated Device Technology 71V2546S100BGGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
6.42
IDT71V2546 128K x 36, 3.3V Synchronous ZBT™ SRAM
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
5
Absolute Maximum Ratings(1)
119 BGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary;
however, the voltage on any input or I/O pin cannot exceed VDDQ during power
supply ramp up.
7. TA is the "instant on" case temperature.
l
o
b
m
y
Sg
n
i
t
a
R
&
l
a
i
c
r
e
m
m
o
C
s
e
u
l
a
V
l
a
i
r
t
s
u
d
n
I
t
i
n
U
V
M
R
E
T
)
2
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
6
.
4
+
o
t
5
.
0
-V
V
M
R
E
T
)
6
,
3
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
D
D
V
V
M
R
E
T
)
6
,
4
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
D
D
5
.
0
+V
V
M
R
E
T
)
6
,
5
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
Q
D
D
5
.
0
+V
TA )7
(
l
a
i
c
r
e
m
m
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
0
7
+
o
t
0
-
oC
l
a
i
r
t
s
u
d
n
I
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
5
8
+
o
t
0
4
-
oC
T S
A
I
B
e
r
u
t
a
r
e
p
m
e
T
s
a
i
B
r
e
d
n
U
5
2
1
+
o
t
5
5
-
oC
T G
T
S
e
g
a
r
o
t
S
e
r
u
t
a
r
e
p
m
e
T
5
2
1
+
o
t
5
5
-
oC
PT
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P0
.
2W
I T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
C
D0
5A
m
6
0
l
b
t
4
9
2
5
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
)
1
(
s
n
o
i
t
i
d
n
o
C.
x
a
Mt
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
d
3
=5
F
p
C O
/I
e
c
n
a
ti
c
a
p
a
C
O
/IV T
U
O
V
d
3
=7
F
p
7
0
l
b
t
4
9
2
5
100 TQFP Capacitance(1)
(TA = +25° C, f = 1.0MHz)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
)
1
(
s
n
o
i
t
i
d
n
o
C.
x
a
Mt
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
d
3
=7
F
p
C O
/I
e
c
n
a
ti
c
a
p
a
C
O
/IV T
U
O
V
d
3
=7
F
p
a
7
0
l
b
t
4
9
2
5
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.


Similar Part No. - 71V2546S100BGGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2546S100BG RENESAS-71V2546S100BG Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
71V2546S100BG8 RENESAS-71V2546S100BG8 Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
71V2546S100BGI RENESAS-71V2546S100BGI Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
71V2546S100BGI8 RENESAS-71V2546S100BGI8 Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
More results

Similar Description - 71V2546S100BGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
   256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
logo
Micron Technology
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
   128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com