Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V2546S150PFGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 71V2546S150PFGI
Description  3.3V Synchronous ZBT SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2546S150PFGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 71V2546S150PFGI Datasheet HTML 5Page - Integrated Device Technology 71V2546S150PFGI Datasheet HTML 6Page - Integrated Device Technology 71V2546S150PFGI Datasheet HTML 7Page - Integrated Device Technology 71V2546S150PFGI Datasheet HTML 8Page - Integrated Device Technology 71V2546S150PFGI Datasheet HTML 9Page - Integrated Device Technology 71V2546S150PFGI Datasheet HTML 10Page - Integrated Device Technology 71V2546S150PFGI Datasheet HTML 11Page - Integrated Device Technology 71V2546S150PFGI Datasheet HTML 12Page - Integrated Device Technology 71V2546S150PFGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
6.42
IDT71V2546 128K x 36, 3.3V Synchronous ZBT™ SRAM
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
9
NOTES:
1. H = High; L = Low; X = Don’t Care; Z = High Impedance.
2. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L.
Read Operation(1)
Device Operation - Showing Mixed Load, Burst,
Deselect and NOOP Cycles(2)
NOTES:
1. CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L.
2. H = High; L = Low; X = Don’t Care; Z = High Impedance.
e
l
c
y
Cs
s
e
r
d
d
A/
R
W
/
V
D
A
D
L
E
C )1
(
N
E
CW
B x
E
O
O
/
Is
t
n
e
m
m
o
C
nA0
H
L
L
L
XXX
d
a
e
r
d
a
o
L
1
+
n
X
X
H
X
L
XXX
d
a
e
r
t
s
r
u
B
2
+
nA1
HL
L
L
X
L
Q0
d
a
e
r
d
a
o
L
3
+
nX
X
L
H
L
X
L
Q 1
+
0
P
O
T
S
r
o
t
c
e
l
e
s
e
D
4
+
n
X
X
H
XL
XL
Q1
P
O
O
N
5
+
nA2
HL
L
L
X
X
Z
d
a
e
r
d
a
o
L
6
+
nX
X
H
X
L
X
X
Z
d
a
e
r
t
s
r
u
B
7
+
nX
X
L
H
L
X
L
Q2
P
O
T
S
r
o
t
c
e
l
e
s
e
D
8
+
nA3
L
L
LLLL
Q 1
+
2
e
ti
r
w
d
a
o
L
9
+
nX
X
H
X
L
L
X
Z
e
ti
r
w
t
s
r
u
B
0
1
+
nA4
L
L
LLL
X
D3
e
ti
r
w
d
a
o
L
1
1
+
nX
X
L
H
L
X
X
D 1
+
3
P
O
T
S
r
o
t
c
e
l
e
s
e
D
2
1
+
nX
X
H
X
L
X
X
D4
P
O
O
N
3
1
+
nA5
L
L
LLL
X
Z
e
ti
r
w
d
a
o
L
4
1
+
nA6
HL
L
L
X
X
Z
d
a
e
r
d
a
o
L
5
1
+
nA7
L
L
LLL
X
D5
e
ti
r
w
d
a
o
L
6
1
+
n
X
X
H
X
LLL
Q6
e
ti
r
w
t
s
r
u
B
7
1
+
nA8
HL
L
L
X
X
D7
d
a
e
r
d
a
o
L
8
1
+
nX
X
H
X
L
X
X
D 1
+
7
d
a
e
r
t
s
r
u
B
9
1
+
nA9
L
L
LLLL
Q8
e
ti
r
w
d
a
o
L
2
1
l
b
t
4
9
2
5
e
l
c
y
Cs
s
e
r
d
d
A/
R
W
/
V
D
A
D
L
E
C )2
(
N
E
CW
B x
E
O
O
/
Is
t
n
e
m
m
o
C
nA0
H
L
L
L
XXX
p
u
t
e
s
t
e
e
m
l
o
r
t
n
o
C
d
n
a
s
s
e
r
d
d
A
1
+
n
X
X
X
X
L
XXX
d
il
a
V
p
u
t
e
S
k
c
o
l
C
2
+
n
X
X
X
XXX
L
Q0
A
s
s
e
r
d
d
A
f
o
s
t
n
e
t
n
o
C
0
t
u
O
d
a
e
R
3
1
l
b
t
4
9
2
5


Similar Part No. - 71V2546S150PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2546S150PFG RENESAS-71V2546S150PFG Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
71V2546S150PFG8 RENESAS-71V2546S150PFG8 Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
More results

Similar Description - 71V2546S150PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3548S IDT-IDT71V3548S Datasheet
490Kb / 26P
   256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V546S IDT-IDT71V546S_08 Datasheet
164Kb / 21P
   3.3V Synchronous SRAM
logo
Micron Technology
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Integrated Device Techn...
71V546S133PFG IDT-71V546S133PFG Datasheet
1,003Kb / 21P
   128K x 36, 3.3V Synchronous SRAM with ZBT??Feature, Burst Counter and Pipelined Outputs
IDT71V546 IDT-IDT71V546 Datasheet
178Kb / 20P
   128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com