Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT709269S Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT709269S
Description  HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709269S Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT709269S Datasheet HTML 1Page - Integrated Device Technology IDT709269S Datasheet HTML 2Page - Integrated Device Technology IDT709269S Datasheet HTML 3Page - Integrated Device Technology IDT709269S Datasheet HTML 4Page - Integrated Device Technology IDT709269S Datasheet HTML 5Page - Integrated Device Technology IDT709269S Datasheet HTML 6Page - Integrated Device Technology IDT709269S Datasheet HTML 7Page - Integrated Device Technology IDT709269S Datasheet HTML 8Page - Integrated Device Technology IDT709269S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6.42
IDT709279/69S/L
Preliminary
High-Speed 32/16K x 16 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input
levels of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VCC = 5V, TA = 25°C for Typ, and are not production tested. ICC DC(f=0) = 150mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VCC - 0.2V
CEX
> VCC - 0.2V means CE0X > VCC - 0.2V or CE1X < 0.2V
"X" represents "L" for left port or "R" for right port.
6. 'X' in part numbers indicate power rating (S or L).
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(6) (VCC = 5V ± 10%)
709279/69X9
Com'l Only
709279/69X12
Com'l
& Ind
709279/69X15
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CEL
and CER= VIL
Outputs Disabled f = fMAX(1)
COM'L
S
L
210
210
390
350
200
200
345
305
190
190
325
285
mA
IND
S
L
____
____
____
____
200
200
380
340
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
L
50
50
135
115
50
50
110
90
50
50
110
90
mA
IND
S
L
____
____
____
____
50
50
125
105
____
____
____
____
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and
CE"B"
= VIH(3)
Active Port Outputs
Disabled, f=fMAX(1)
COM'L
S
L
140
140
270
240
130
130
230
200
120
120
220
190
mA
IND
S
L
____
____
____
____
130
130
245
215
____
____
____
____
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports CER and
CEL
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(2)
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
mA
IND
S
L
____
____
____
____
1.0
0.2
15
5
____
____
____
____
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
VIN > VCC - 0.2V or
VIN < 0.2V, Active Port Outputs
Disabled, f = fMAX(1)
COM'L
S
L
130
130
245
225
120
120
205
185
110
110
195
175
mA
IND
S
L
____
____
____
____
120
120
220
200
____
____
____
____
3243 tbl 09
DC Electrical Characteristics Over the Operating
Temperature Supply Voltage Range (VCC = 5.0V ± 10%)
NOTE:
1. At VCC < 2.0V input leakages are undefined.
Symbol
Parameter
Test Conditions
709279/69S/L
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
µA
|ILO|
Output Leakage Current
CE0 = VIH or CE1 = VIL, VOUT = 0V to VCC
___
10
µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
V
3243 tbl 08


Similar Part No. - IDT709269S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S12G IDT-IDT709269S12G Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709269S12GI IDT-IDT709269S12GI Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT709269S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com