Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7125612YGI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 7125612YGI8
Description  CMOS Static RAM 256K (32K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7125612YGI8 Datasheet(HTML) 6 Page - Integrated Device Technology

  7125612YGI8 Datasheet HTML 1Page - Integrated Device Technology 7125612YGI8 Datasheet HTML 2Page - Integrated Device Technology 7125612YGI8 Datasheet HTML 3Page - Integrated Device Technology 7125612YGI8 Datasheet HTML 4Page - Integrated Device Technology 7125612YGI8 Datasheet HTML 5Page - Integrated Device Technology 7125612YGI8 Datasheet HTML 6Page - Integrated Device Technology 7125612YGI8 Datasheet HTML 7Page - Integrated Device Technology 7125612YGI8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
Timing Waveform of Write Cycle No. 1 (WE Controlled Timing)(1,2,4)
NOTES:
1. A write occurs during the overlap of a LOW CS and a LOW WE.
2. OE is continuously HIGH. If during a WE controlled write cycle OE is LOW, tWP must be greater than or equal to tWHZ + tDW to allow the I/O drivers to turn off and data
to be placed on the bus for the required tDW. If OE is HIGH during a WE controlled write cycle, this requirement does not apply and the minimum write pulse is as
short as the specified tWP.
3. During this period, I/O pins are in the output state, and input signals must not be applied.
4. If the CS LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state.
5. Transition is measured ±200mV from steady state.
Timing Waveform of Write Cycle No. 2 (CS Controlled Timing)(1,4)
ADDRESS
CS
WE
DATAOUT
DATAIN
2948 drw 07
(5)
(3)
(3)
(2)
(5)
(5)
DATAIN VALID
HIGH IMPEDANCE
tWC
tAS
tWHZ
tWP
tCHZ
tOW
tDW
tWR
tAW
tDH
,
CS
ADDRESS
WE
2948 drw 08
DATAIN VALID
tAW
tWC
tCW
tAS
tWR
tDW
tDH
DATAIN
,


Similar Part No. - 7125612YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71256L20YGI8 IDT-71256L20YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
71256L25YGI8 IDT-71256L25YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
71256L35YGI8 IDT-71256L35YGI8 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
More results

Similar Description - 7125612YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com