Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71T75602133BGG8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 71T75602133BGG8
Description  Synchronous ZBT SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71T75602133BGG8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 71T75602133BGG8 Datasheet HTML 3Page - Integrated Device Technology 71T75602133BGG8 Datasheet HTML 4Page - Integrated Device Technology 71T75602133BGG8 Datasheet HTML 5Page - Integrated Device Technology 71T75602133BGG8 Datasheet HTML 6Page - Integrated Device Technology 71T75602133BGG8 Datasheet HTML 7Page - Integrated Device Technology 71T75602133BGG8 Datasheet HTML 8Page - Integrated Device Technology 71T75602133BGG8 Datasheet HTML 9Page - Integrated Device Technology 71T75602133BGG8 Datasheet HTML 10Page - Integrated Device Technology 71T75602133BGG8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6.42
IDT71T75602, IDT71T75802, 512K x 36, 1M x 18, 2.5V Synchronous ZBT™ SRAMs with
2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
7
Synchronous Truth Table(1)
Partial Truth Table for Writes(1)
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. When ADV/LD signal is sampled high, the internal burst counter is incremented. The R/W signal is ignored when the counter is advanced. Therefore the nature of the burst
cycle (Read or Write) is determined by the status of the R/W signal when the first address is loaded at the beginning of the burst cycle.
3. Deselect cycle is initiated when either (CE1, or CE2 is sampled high or CE2 is sampled low) and ADV/LD is sampled low at rising edge of clock. The data bus will tri-state
two cycles after deselect is initiated.
4. When CEN is sampled high at the rising edge of clock, that clock edge is blocked from propogating through the part. The state of all the internal registers and the
I/Os remains unchanged.
5. To select the chip requires CE1 = L, CE2 = L, CE2 = H on these chip enables. Chip is deselected if any one of the chip enables is false.
6. Device Outputs are ensured to be in High-Z after the first rising edge of clock upon power-up.
7. Q - Data read from the device, D - data written to the device.
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. Multiple bytes may be selected during the same cycle.
3. N/A for X18 configuration.
CEN
R/W
Chip(5)
Enable
ADV/LD
BW
x
ADDRESS
USED
PREVIOUS CYCLE
CURRENT CYCLE
I/O
(2 cycles later)
L
L
Select
L
Valid
External
X
LOAD WRITE
D(7)
L
H
Select
L
X
External
X
LOAD READ
Q(7)
L
X
X
H
Valid
Internal
LOAD WRITE /
BURST WRITE
BURST WRITE
(Advance burst counter)(2)
D(7)
L
X
X
H
X
Internal
LOAD READ /
BURST READ
BURST READ
(Advance burst counter)(2)
Q(7)
L
X
Deselect
L
X
X
X
DESELECT or STOP(3)
HiZ
L
X
X
H
X
X
DESELECT / NOOP
NOOP
HiZ
H
X
X
X
X
X
X
SUSPEND(4)
Previous Value
5313 tbl 08
OPERATION
R/W
BW1
BW2
BW3(3)
BW4(3)
READ
H
X
X
X
X
WRITE ALL BYTES
LLLLL
WRITE BYTE 1 (I/O[0:7], I/OP1)(2)
L
L
HHH
WRITE BYTE 2 (I/O[8:15], I/OP2)(2)
LH
L
H
H
WRITE BYTE 3 (I/O[16:23], I/OP3)(2,3)
LH
H
L
H
WRITE BYTE 4 (I/O[24:31], I/OP4)(2,3)
LH
H
H
L
NO WRITE
L
H
HHH
5313 tbl 09


Similar Part No. - 71T75602133BGG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71T75602 RENESAS-71T75602 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75602S100BG IDT-71T75602S100BG Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75602S100BG RENESAS-71T75602S100BG Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75602S100BG8 IDT-71T75602S100BG8 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75602S100BG8 RENESAS-71T75602S100BG8 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
More results

Similar Description - 71T75602133BGG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com