Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V2556SA133BGGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 71V2556SA133BGGI8
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2556SA133BGGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 71V2556SA133BGGI8 Datasheet HTML 4Page - Integrated Device Technology 71V2556SA133BGGI8 Datasheet HTML 5Page - Integrated Device Technology 71V2556SA133BGGI8 Datasheet HTML 6Page - Integrated Device Technology 71V2556SA133BGGI8 Datasheet HTML 7Page - Integrated Device Technology 71V2556SA133BGGI8 Datasheet HTML 8Page - Integrated Device Technology 71V2556SA133BGGI8 Datasheet HTML 9Page - Integrated Device Technology 71V2556SA133BGGI8 Datasheet HTML 10Page - Integrated Device Technology 71V2556SA133BGGI8 Datasheet HTML 11Page - Integrated Device Technology 71V2556SA133BGGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
6.42
6
IDT71V2556, 128K x 36, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
1234567
A
VDDQ
A6
A4
A8
A16
VDDQ
B
NC
CE 2
A3
ADV/LD
A9
CE2
NC
C
A7
A2
VDD
A12
A15
NC
D
I/O16
I/OP3
VSS
NC
VSS
I/OP2
I/O15
E
I/O17
I/O18
VSS
VSS
I/O13
I/O14
F
VDDQ
I/O19
VSS
OE
VSS
I/O12
VDDQ
G
I/O20
I/O21
BW 3
BW 2
I/O11
I/O10
H
I/O22
I/O23
VSS
R/W
VSS
I/O9
I/O8
J
VDDQ
VDD
VDD
VDD
VDDQ
K
I/O24
I/O26
VSS
CLK
VSS
I/O6
I/O7
L
I/O25
I/O27
BW 4
NC
BW 1
I/O4
I/O5
M
VDDQ
I/O28
VSS
CEN
VSS
I/O3
VDDQ
N
I/O29
I/O30
VSS
A1
VSS
I/O2
I/O1
P
I/O31
I/OP4
VSS
A0
VSS
I/O
0
I/O
P1
R
NC
A5
LBO
VDD
A13
T
NC
NC
A10
A11
A14
NC
NC/ZZ(5)
U
VDDQ
NC/TMS(3) NC/TDI(3)
NC/TCK(3) NC/TDO(3) NC/TR ST(3,4)VDDQ
4875 drw 13a
VDD(1)
NC
NC(2)
CE1
NC(2)
VDD(1)
VDD(1)
,
NC
Pin Configuration — 128K x 36, 119 BGA
Top View
NOTES:
1. J3, J5, and R5 do not have to be directly connected to VDD as long as the input voltage is
≥ VIH.
2. G4 and A4 are reserved for future 8M and 16M respectively.
3. These pins are NC for the "S" version and the JTAG signal listed for the "SA" version.
4. TRST is offered as an optional JTAG reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD.
5. Pin T7 supports ZZ (sleep mode) on the latest die revision.


Similar Part No. - 71V2556SA133BGGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2556SA133BG RENESAS-71V2556SA133BG Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556SA133BG8 RENESAS-71V2556SA133BG8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556SA133BGI RENESAS-71V2556SA133BGI Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556SA133BGI8 RENESAS-71V2556SA133BGI8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
More results

Similar Description - 71V2556SA133BGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com