Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723656 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT723656
Description  CMOS TRIPLE BUS SyncFIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723656 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT723656 Datasheet HTML 5Page - Integrated Device Technology IDT723656 Datasheet HTML 6Page - Integrated Device Technology IDT723656 Datasheet HTML 7Page - Integrated Device Technology IDT723656 Datasheet HTML 8Page - Integrated Device Technology IDT723656 Datasheet HTML 9Page - Integrated Device Technology IDT723656 Datasheet HTML 10Page - Integrated Device Technology IDT723656 Datasheet HTML 11Page - Integrated Device Technology IDT723656 Datasheet HTML 12Page - Integrated Device Technology IDT723656 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT723656/723666/723676 CMOS TRIPLE BUS SyncFIFOTM WITH
BUS MATCHING 2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
Commercial
IDT723656L12
IDT723656L15
IDT723666L12
IDT723666L15
IDT723676L12
IDT723676L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA, CLKB, or CLKC
83
66.7
MHz
tCLK
Clock Cycle Time, CLKA, CLKB, or CLKC
12
15
ns
tCLKH
Pulse Duration, CLKA, CLKB, or CLKC HIGH
5
6
ns
tCLKL
Pulse Duration, CLKA, CLKB, OR CLKC LOW
5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and C0-C17 before CLKC↑
3—
4
ns
tENS1
Setup Time,
CSA and W/RA before CLKA
↑; CSB before CLKB↑
4
4.5
ns
tENS2
Setup Time, ENA, and MBA before CLKA
↑; RENB and MBB before CLKB↑;
3
4.5
ns
WENC and MBC before CLKC
tRSTS
Setup Time,
MRS1, MRS2, PRS1, PRS2, RT1 or RT2 LOW before CLKA
↑ or CLKB↑(1)
5—
5
ns
tFSS
Setup Time, FS0, FS1, FS2 before
MRS1 and MRS2 HIGH
7.5
7.5
ns
tBES
Setup Time, BE/
FWFT before MRS1 and MRS2 HIGH
7.5
7.5
ns
tSDS
Setup Time, FS0/SD before CLKA
3—
4
ns
tSENS
Setup Time, FS1/
SEN before CLKA
3—
4
ns
tFWS
Setup Time, BE/
FWFT before CLKA
0—
0
ns
tRTMS
Setup Time, RTM before
RT1; RTM before RT2
5—
5
ns
tDH
Hold Time, A0-A35 after CLKA
↑ and C0-C17 after CLKC↑
0.5
1
ns
tENH
Hold Time,
CSA, W/RA, ENA, and MBA after CLKA
↑; CSB, RENB, and MBB after
0.5
1
ns
CLKB
↑; WENC and MBC after CLKC↑
tRSTH
Hold Time,
MRS1, MRS2, PRS1, PRS2, RT1 or RT2 LOW after CLKA
↑ or CLKB↑(1)
4—
4
ns
tFSH
Hold Time, FS0, FS1, FS2 after
MRS1 and MRS2 HIGH
2
2
ns
tBEH
Hold Time, BE/
FWFT after MRS1 and MRS2 HIGH
2
2
ns
tSDH
Hold Time, FS0/SD after CLKA
0.5
1
ns
tSENH
Hold Time, FS1/
SEN HIGH after CLKA
0.5
1
ns
tSPH
Hold Time, FS1/
SEN HIGH after MRS1 and MRS2 HIGH
2
2
ns
tRTMH
Hold Time, RTM after
RT1; RTM after RT2
5—
5
ns
tSKEW1(2)
Skew Time, between CLKA
↑ and CLKB↑ for EFB/ORB and FFA/IRA; between CLKA↑
5
7.5
ns
and CLKC
↑ for EFA/ORA and FFC/IRC
tSKEW2(2,3)
Skew Time, between CLKA
↑ andCLKB↑ forAEBandAFA; between CLKA↑ and
12
12
ns
CLKC
↑ for AEA and AFC
NOTES:
1. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
2. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship among CLKA cycle, CLKB cycle, and CLKC cycle.
3. Design simulated, not tested.
4. Industrial temperature range is available by special order.
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C)


Similar Part No. - IDT723656

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT723656L12PF IDT-IDT723656L12PF Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT723656L15PF IDT-IDT723656L15PF Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
More results

Similar Description - IDT723656

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com