Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709349L7PFGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 709349L7PFGI8
Description  HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709349L7PFGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  709349L7PFGI8 Datasheet HTML 1Page - Integrated Device Technology 709349L7PFGI8 Datasheet HTML 2Page - Integrated Device Technology 709349L7PFGI8 Datasheet HTML 3Page - Integrated Device Technology 709349L7PFGI8 Datasheet HTML 4Page - Integrated Device Technology 709349L7PFGI8 Datasheet HTML 5Page - Integrated Device Technology 709349L7PFGI8 Datasheet HTML 6Page - Integrated Device Technology 709349L7PFGI8 Datasheet HTML 7Page - Integrated Device Technology 709349L7PFGI8 Datasheet HTML 8Page - Integrated Device Technology 709349L7PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
6.42
IDT709359/49L
High-Speed 8/4K x 18 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 9796 9594 93 9291 9089 88 87 8685 8483 82 8180 7978 7776
100-Pin TQFP
Top View(6)
A9L
A10L
A11L
A12L(1)
NC
NC
NC
LBL
UBL
CE0L
CE1L
CNTRSTL
R/
WL
OEL
VCC
FT/PIPEL
I/O16L
I/O17L
GND
I/O15L
I/O14L
I/O13L
I/O12L
I/O11L
I/O10L
5633 drw 02
A8R
A9R
A10R
A11R
A12R(1)
NC
NC
NC
LBR
UBR
CE0R
CNTRSTR
R/
WR
GND
OER
FT/PIPER
I/O14R
I/O13R
I/O12R
I/O11R
CE1R
I/O17R
GND
I/O16R
I/O15R
709359/49PF
PN100(5)
Pin Configurations(1,2,3,4)
NOTES:
1. A12 is a NC for IDT709349.
2. All VCC pins must be connected to power supply.
3. All GND pins must be connected to ground.
4. Package body is approximately 14mm x 14mm x 1.4mm
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
Description
TheIDT709359/49isahigh-speed8/4Kx18bitsynchronousDual-
Port RAM. The memory array utilizes Dual-Port memory cells to allow
simultaneous access of any address from both ports. Registers on
control, data, and address inputs provide minimal setup and hold
times. The timing latitude provided by this approach allows systems
to be designed with very short cycle times.
Withaninputdataregister,theIDT709359/49hasbeenoptimizedfor
applications having unidirectional or bidirectional data flow in bursts.
An automatic power down feature, controlled by CE0 and CE1, permits
the on-chip circuitry of each port to enter a very low standby power
mode. Fabricated using CMOS high-performance technology, these
devices typically operate on only 925mW of power.


Similar Part No. - 709349L7PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709349L7PFGI8 RENESAS-709349L7PFGI8 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results

Similar Description - 709349L7PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L Datasheet
184Kb / 15P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709099L RENESAS-709099L Datasheet
262Kb / 17P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Nov.29.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com