Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM501202-M-C-300-E Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # LM501202-M-C-300-E
Description  PIN Diode Limiter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LM501202-M-C-300-E Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  LM501202-M-C-300-E Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LM501202-M-C-300-E Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LM501202-M-C-300-E Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. LM501202-M-C-300-E Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. LM501202-M-C-300-E Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. LM501202-M-C-300-E Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. LM501202-M-C-300-E Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PIN Diode Limiter
0.4 - 2.5 GHz
Rev. V1
LM501202-M-C-300
6
6
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0012354
6
The hatched metal area on circuit side of device is RF, DC and thermal grounded.
Dimensions are in inches (mm)
Substrate Material: 20 mil thick Alumina Nitride (ALN)
RF Cover: Black Ceramic
Top Side and Backside Metallization: 100 µ IN. typical plated over Ti-Pd.
Outline Drawing, Case Style 300 (CS300)
COMPANY LOGO
COM
PANY
LOG
O


Similar Part No. - LM501202-M-C-300-E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5012 TI-LM5012 Datasheet
2Mb / 38P
[Old version datasheet]   LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5012 TI-LM5012 Datasheet
2Mb / 38P
[Old version datasheet]   LM5012-Q1 Automotive 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5012 TI-LM5012 Datasheet
2Mb / 35P
[Old version datasheet]   LM5013 100-V Input, 3.5-A Non-Synchronous Buck DC/DC Converter with Ultra-Low IQ
OCTOBER 2022
LM5012-Q1 TI-LM5012-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LM5012-Q1 Automotive 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
LM5012-Q1 TI-LM5012-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
OCTOBER 2022
More results

Similar Description - LM501202-M-C-300-E

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LM102202-H-C-301 MA-COM-LM102202-H-C-301 Datasheet
754Kb / 6P
   PIN Diode Limiter
MADL-011008 MA-COM-MADL-011008 Datasheet
109Kb / 4P
   PIN Diode Limiter
MADL-011008 MA-COM-MADL-011008_15 Datasheet
109Kb / 4P
   PIN Diode Limiter
MLP7130-0805-2 MA-COM-MLP7130-0805-2 Datasheet
642Kb / 5P
   Silicon Limiter PIN Diode
MSW203X-203 MA-COM-MSW203X-203 Datasheet
1Mb / 18P
   SP2T Limiter PIN Diode Switch
MSWLM2420-242 MA-COM-MSWLM2420-242 Datasheet
936Kb / 12P
   SP2T Limiter PIN Diode Switch
MADL-011021-14150T MA-COM-MADL-011021-14150T Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_16 Datasheet
876Kb / 6P
   PIN-Schottky Anti-Parallel Diode Limiter
MADL-011021-14150T MA-COM-MADL-011021-14150T_15 Datasheet
866Kb / 5P
   PIN-Schottky Anti-Parallel Diode Limiter
logo
Broadcom Corporation.
ASML-5822 BOARDCOM-ASML-5822 Datasheet
448Kb / 6P
   Schottky Assisted Low Power PIN Diode Limiter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com