Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW210B-1 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW210B-1
Description  Broad Bandwidth Specified 2 - 18 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW210B-1 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SW210B-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW210B-1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HMIC™ Silicon PIN Diode Switches
with Integrated Bias Network
Rev. V6
MA4SWx10B-1 Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, 20 mA
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
2 GHz
6 GHz
12 GHz
18 GHz
dB
1.5
0.7
0.9
1.2
1.8
1.0
1.2
1.8
Isolation
2 GHz
6 GHz
12 GHz
18 GHz
dB
55
47
40
36
60
50
45
40
Input Return Loss
2 GHz
6 GHz
12 GHz
18 GHz
dB
14
15
15
13
Switching Speed2
ns
50
MA4SW210B-1 (SPDT)
MA4SW310B-1 (SP3T)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
2 GHz
6 GHz
12 GHz
18 GHz
dB
1.6
0.8
1.0
1.3
2.0
1.1
1.3
1.9
Isolation
2 GHz
6 GHz
12 GHz
18 GHz
dB
54
47
40
36
59
50
45
40
Input Return Loss
2 GHz
6 GHz
12 GHz
18 GHz
dB
14
15
16
14
Switching Speed2
ns
50
1. Typical switching speed is measured from (10% to 90% and 90% to 10% of detected RF voltage), driven by TTL compatible drivers. In the
modulating state, (the switching port is modulating, all other ports are in steady state isolation.) The switching speed is measured using an
RC network using the following values: R = 50 - 200 Ω, C = 390 - 1000 pF. Driver spike current, IC = C dv/dt, ratio of spike current to steady
state current, is typically 10:1.


Similar Part No. - MA4SW210B-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW210B-1 MACOM-MA4SW210B-1 Datasheet
879Kb / 9P
   Monolithic Pin Diode Switches with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
More results

Similar Description - MA4SW210B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW510B-1 MA-COM-MA4SW510B-1_16 Datasheet
726Kb / 7P
   Broad Bandwidth Specified up to 18 GHz
MA4SW410B-1 MA-COM-MA4SW410B-1_14 Datasheet
978Kb / 6P
   Broad Bandwidth Specified up to 18 GHz
logo
List of Unclassifed Man...
RMDA1840 ETC-RMDA1840 Datasheet
389Kb / 7P
   18-40 GHz Broad Band Driver Amplifier MMIC
logo
Aplus Intergrated Circu...
LC8500 APLUS-LC8500 Datasheet
144Kb / 3P
   Broad Bandwidth: 10-500 MHz
logo
Teledyne Technologies I...
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 18 GHz
logo
Laird Tech Smart Techno...
S4906WB LSTD-S4906WB Datasheet
286Kb / 1P
   5 GHz broad band WLAN
S4908WB LSTD-S4908WB Datasheet
626Kb / 1P
   5 GHz broad band WLAN
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com