Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V416L10BEGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 71V416L10BEGI
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V416L10BEGI Datasheet(HTML) 8 Page - Integrated Device Technology

  71V416L10BEGI Datasheet HTML 1Page - Integrated Device Technology 71V416L10BEGI Datasheet HTML 2Page - Integrated Device Technology 71V416L10BEGI Datasheet HTML 3Page - Integrated Device Technology 71V416L10BEGI Datasheet HTML 4Page - Integrated Device Technology 71V416L10BEGI Datasheet HTML 5Page - Integrated Device Technology 71V416L10BEGI Datasheet HTML 6Page - Integrated Device Technology 71V416L10BEGI Datasheet HTML 7Page - Integrated Device Technology 71V416L10BEGI Datasheet HTML 8Page - Integrated Device Technology 71V416L10BEGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
6.42
8
IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
Ordering Information
X
Power
XX
Speed
XXX
Package
X
Process/
Temperature
Range
Blank
I
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
Y
PH
BE
44-pin, 400-mil SOJ (PBG44)
44-pin TSOP Type II (PHG44)
48 Ball Grid Array (BE48, BEG48)
10
12
15
71V416
Device
Type
Speed in nanoseconds
3624 drw 11a
S
L
Standard Power
Low Power
X
G
Blank
8
X
Tube or Tray
Tape and Reel
Green
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
10
71V416S10BE
BE48
CABGA
C
71V416S10BE8
BE48
CABGA
C
71V416S10BEG
BEG48
CABGA
C
71V416S10BEG8
BEG48
CABGA
C
71V416S10PHG
PHG44
TSOP
C
71V416S10PHG8
PHG44
TSOP
C
71V416S10PHGI
PHG44
TSOP
I
71V416S10PHGI8
PHG44
TSOP
I
71V416S10YG
PBG44
SOJ
C
71V416S10YG8
PBG44
SOJ
C
12
71V416S12BE
BE48
CABGA
C
71V416S12BE8
BE48
CABGA
C
71V416S12BEG
BEG48
CABGA
C
71V416S12BEG8
BEG48
CABGA
C
71V416S12BEI
BE48
CABGA
I
71V416S12BEI8
BE48
CABGA
I
71V416S12PHG
PHG44
TSOP
C
71V416S12PHG8
PHG44
TSOP
C
71V416S12PHGI
PHG44
TSOP
I
71V416S12PHGI8
PHG44
TSOP
I
71V416S12YG
PBG44
SOJ
C
71V416S12YG8
PBG44
SOJ
C
71V416S12YGI
PBG44
SOJ
I
71V416S12YGI8
PBG44
SOJ
I
3624 tbl 12b
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
10
71V416L10BE
BE48
CABGA
C
71V416L10BEG
BEG48
CABGA
C
71V416L10BEG8
BEG48
CABGA
C
71V416L10PHG
PHG44
TSOP
C
71V416L10PHG8
PHG44
TSOP
C
71V416L10PHGI
PHG44
TSOP
I
71V416L10PHGI8
PHG44
TSOP
I
71V416L10YG
PBG44
SOJ
C
71V416L10YG8
PBG44
SOJ
C
12
71V416L12BE
BE48
CABGA
C
71V416L12BE8
BE48
CABGA
C
71V416L12BEG
BEG48
CABGA
C
71V416L12BEG8
BEG48
CABGA
C
71V416L12BEGI
BEG48
CABGA
I
71V416L12BEGI8
BEG48
CABGA
I
71V416L12BEI
BE48
CABGA
I
71V416L12BEI8
BE48
CABGA
I
71V416L12PHG
PHG44
TSOP
C
71V416L12PHG8
PHG44
TSOP
C
71V416L12PHGI
PHG44
TSOP
I
71V416L12PHGI8
PHG44
TSOP
I
71V416L12YG
PBG44
SOJ
C
71V416L12YG8
PBG44
SOJ
C
71V416L12YGI
PBG44
SOJ
I
71V416L12YGI8
PBG44
SOJ
I
3624 tbl 12a


Similar Part No. - 71V416L10BEGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V416S10YGI8 IDT-71V416S10YGI8 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - 71V416L10BEGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com