Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709359L7PFG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 709359L7PFG8
Description  HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709359L7PFG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  709359L7PFG8 Datasheet HTML 1Page - Integrated Device Technology 709359L7PFG8 Datasheet HTML 2Page - Integrated Device Technology 709359L7PFG8 Datasheet HTML 3Page - Integrated Device Technology 709359L7PFG8 Datasheet HTML 4Page - Integrated Device Technology 709359L7PFG8 Datasheet HTML 5Page - Integrated Device Technology 709359L7PFG8 Datasheet HTML 6Page - Integrated Device Technology 709359L7PFG8 Datasheet HTML 7Page - Integrated Device Technology 709359L7PFG8 Datasheet HTML 8Page - Integrated Device Technology 709359L7PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
6.42
IDT709359/49L
High-Speed 8/4K x 18 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. ADS, CNTEN, CNTRST = X.
3. OE is an asynchronous input signa
4. LB and UB are single buffered regardless of state of FT/PIPE.
5. CEo and CE1 are single buffered when FT/PIPE = VIL. CEo and CE1 are double buffered when FT/PIPE = VIH, i.e. the signals take two cycles to deselect.
Truth Table I—Read/Write and Enable Control(1,2,3)
OE
CLK
CE0(5)
CE1(5)
UB(4)
LB(4)
R/W
Upper Byte
I/O9-17
Lower Byte
I/O0-8
Mode
X
H
X
X
X
X
High-Z
High-Z
Deselected—Power Down
X
X
L
X
X
X
High-Z
High-Z
Deselected—Power Down
X
L
H
H
H
X
High-Z
High-Z
Both Bytes Deselected
X
LH
LH
L
DATAIN
High-Z
Write to Upper Byte Only
X
LH
H
L
L
High-Z
DATAIN
Write to Lower Byte Only
X
LH
L
L
L
DATAIN
DATAIN
Write to Both Bytes
L
LH
LH
H
DATAOUT
High-Z
Read Upper Byte Only
L
LH
H
L
H
High-Z
DATAOUT
Read Lower Byte Only
L
LH
L
L
H
DATAOUT
DATAOUT
Read Both Bytes
H
X
L
H
X
X
X
High-Z
High-Z
Outputs Disabled
5633 tbl 02
Pin Names
Left Port
Right Port
Names
CE0L
, CE1L
CE0R
, CE1R
Chip Enables(3)
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A12L(1)
A0R - A12R(1)
Address
I/O0L - I/O17L
I/O0R - I/O17R
Data Input/Output
CLKL
CLKR
Clock
UBL
UBR
Upper Byte Select(2)
LBL
LBR
Lower Byte Select(2)
ADSL
ADSR
Address Strobe
CNTENL
CNTENR
Counter Enable
CNTRSTL
CNTRSTR
Counter Reset
FT
/PIPEL
FT
/PIPER
Flow-Through/Pipeline
VCC
Power (5V)
GND
Ground (0V)
5633 tbl 01
NOTES:
1. A12 is a NC for IDT709349.
2. LB and UB are single buffered regardless of state of FT/PIPE.
3. CEo and CE1 are single buffered when FT/PIPE = VIL,
CE
o and CE1 are double buffered when FT/PIPE = VIH,
i.e. the signals take two cycles to deselect.


Similar Part No. - 709359L7PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709359L7PFG8 RENESAS-709359L7PFG8 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results

Similar Description - 709359L7PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359_10 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L Datasheet
184Kb / 15P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709099L RENESAS-709099L Datasheet
262Kb / 17P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Nov.29.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com