Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709369L12PFGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 709369L12PFGI
Description  HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709369L12PFGI Datasheet(HTML) 2 Page - Integrated Device Technology

  709369L12PFGI Datasheet HTML 1Page - Integrated Device Technology 709369L12PFGI Datasheet HTML 2Page - Integrated Device Technology 709369L12PFGI Datasheet HTML 3Page - Integrated Device Technology 709369L12PFGI Datasheet HTML 4Page - Integrated Device Technology 709369L12PFGI Datasheet HTML 5Page - Integrated Device Technology 709369L12PFGI Datasheet HTML 6Page - Integrated Device Technology 709369L12PFGI Datasheet HTML 7Page - Integrated Device Technology 709369L12PFGI Datasheet HTML 8Page - Integrated Device Technology 709369L12PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
6.42
IDT709379/69L
High-Speed 32/16K x 18 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
INDEX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 9897 96 95 94 93 9291 90 89 8887 8685 8483 82 8180 7978 77 76
FT/PIPER
OER
R/
WR
CNTRSTR
CE1R
CE0R
GND
A12R
A13R
A11R
A10R
A9R
A14R(1)
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
GND
UBR
LBR
4845 drw 02
I/O15L
FT/PIPEL
OEL
R/
WL
CNTRSTL
CE1L
CE0L
VCC
A14L(1)
A13L
A12L
A11L
A10L
A9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
UBL
LBL
GND
A8R
709379/69PF
PN100(5)
100-Pin TQFP
Top View(6)
NC
NC
I/O16R
I/O17R
I/O17L
I/O16L
.
Pin Configurations(1,2,3)
NOTES:
1. A14x is a NC for IDT709369.
2. All VCC pins must be connected to power supply.
3. All GND pins must be connected to ground.
4. Package body is approximately 14mm x 14mm x 1.4mm
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
Description
The IDT709379/69 is a high-speed 32/16K x 18 bit synchronous
Dual-Port RAM. The memory array utilizes Dual-Port memory cells to
allowsimultaneousaccessofanyaddressfrombothports.Registerson
control, data, and address inputs provide minimal setup and hold
times. The timing latitude provided by this approach allows systems
to be designed with very short cycle times.
Withaninputdataregister,theIDT709379/69hasbeenoptimizedfor
applications having unidirectional or bidirectional data flow in bursts.
An automatic power down feature, controlled by CE0 and CE1, permits
the on-chip circuitry of each port to enter a very low standby power
mode. Fabricated using CMOS high-performance technology, these
devices typically operate on only 1.2W of power.


Similar Part No. - 709369L12PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
709369L12PFGI IDT-709369L12PFGI Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709369L12PFGI8 IDT-709369L12PFGI8 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 709369L12PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V3379S IDT-IDT70V3379S_18 Datasheet
197Kb / 17P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L Datasheet
222Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com