Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1010ZS Datasheet(PDF) 4 Page - International Rectifier

Part # IRF1010ZS
Description  AUTOMOTIVE MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1010ZS Datasheet(HTML) 4 Page - International Rectifier

  IRF1010ZS Datasheet HTML 1Page - International Rectifier IRF1010ZS Datasheet HTML 2Page - International Rectifier IRF1010ZS Datasheet HTML 3Page - International Rectifier IRF1010ZS Datasheet HTML 4Page - International Rectifier IRF1010ZS Datasheet HTML 5Page - International Rectifier IRF1010ZS Datasheet HTML 6Page - International Rectifier IRF1010ZS Datasheet HTML 7Page - International Rectifier IRF1010ZS Datasheet HTML 8Page - International Rectifier IRF1010ZS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRF1010ZS/L
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
0
1000
2000
3000
4000
5000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = C gs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
020
40
60
80
100
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 44V
VDS= 28V
ID= 75A
0.2
0.6
1.0
1.4
1.8
VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec


Similar Part No. - IRF1010ZS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF1010ZS ISC-IRF1010ZS Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1010ZSPBF IRF-IRF1010ZSPBF Datasheet
359Kb / 13P
   HEXFET짰 Power MOSFET
IRF1010ZSPBF IRF-IRF1010ZSPBF Datasheet
404Kb / 12P
   Advanced Process Technology
IRF1010ZSPBF IRF-IRF1010ZSPBF_15 Datasheet
404Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF1010ZS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com