Electronic Components Datasheet Search |
|
IDT71V3556XSA166BQG Datasheet(PDF) 7 Page - Integrated Device Technology |
|
IDT71V3556XSA166BQG Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 25 page 6.42 IDT71V3556, IDT71V3558, 128K x 36, 256K x 18, 3.3V Synchronous SRAMS with ZBT ™ ™ ™ ™ ™ Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs Commercial and Industrial Temperature Ranges 7 1 2 34 56 7 A VDDQ A6 A4 A8 A16 VDDQ B NC CE 2 A3 ADV/ LD A9 CE2 NC C A7 A2 VDD A12 A15 NC D I/O16 I/OP3 VSS NC VSS I/OP2 I/O15 E I/O17 I/O18 VSS VSS I/O13 I/O14 F VDDQ I/O19 VSS OE VSS I/O12 VDDQ G I/O20 I/O21 BW3 BW2 I/O11 I/O10 H I/O22 I/O23 VSS R/ W VSS I/O9 I/O8 J VDDQ VDD VDD VDD VDDQ K I/O24 I/O26 VSS CLK VSS I/O6 I/O7 L I/O25 I/O27 BW4 NC BW1 I/O4 I/O5 M VDDQ I/O28 VSS CEN VSS I/O3 VDDQ N I/O29 I/O30 VSS A1 VSS I/O2 I/O1 P I/O31 I/OP4 VSS A0 VSS I/O 0 I/O P1 R NC A5 LBO VDD A13 T NC NC A10 A11 A14 NC NC/ZZ(5) U VDDQ VDDQ 5281 drw 13A VDD(1) NC NC(2) CE1 NC(2) VDD(1) VDD(1) , NC/TMS(3) NC/TDI(3) NC/TCK(3) NC/TDO(3) NC/ TRST(3,4) NC 1 234 567 A VDDQ A6 A4 NC(2) A8 A16 VDDQ B NC CE2 A3 ADV/ LD A9 CE2 NC C A7 A2 VDD A13 A17 NC D I/O8 NC VSS NC VSS I/OP1 NC E NC I/O9 VSS VSS NC I/O7 F VDDQ NC VSS OE VSS I/O6 VDDQ G NC I/O10 BW2 NC I/O5 H I/O11 NC VSS R/ W VSS I/O4 NC J VDDQ VDD VDD VDD VDDQ K NC I/O12 VSS CLK VSS NC I/O3 L I/O13 NC NC BW1 I/O2 NC M VDDQ I/O14 VSS CEN VSS NC VDDQ N I/O15 NC VSS A1 VSS I/O1 NC P NC I/OP2 VSS A0 VSS NC I/O0 R NC A5 LBO VDD A12 T NC A10 A15 NC A14 A11 NC/ZZ(5) U VDDQ VDDQ 5281drw 13B NC DD(1) V VSS VSS CE1 NC(2) VDD(1) VDD(1) , NC/TMS(3) NC/ TRST(3,4) NC/TDO(3) NC/TCK(3) NC/TDI(3) NC Pin Configuration - 128K x 36, 119 BGA Pin Configuration - 256K x 18, 119 BGA Top View Top View NOTES: 1. J3, J5, and R5 do not have to be directly connected to VDD as long as the input voltage is ≥ VIH. 2. G4 and A4 are reserved for future 8M and 16M respectively. 3. These pins are NC for the "S" version or the JTAG signal listed for the "SA" version. 4. TRST is offered as an optional JTAG reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD. 5. Pin T7 does not have to be connected directly to VSS as long as the input voltage is ≤ VIL; on the latest die revision this pin supports ZZ (sleep mode). |
Similar Part No. - IDT71V3556XSA166BQG |
|
Similar Description - IDT71V3556XSA166BQG |