Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGS905 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MGS905
Description  GaAs Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MGS905 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MGS905 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MGS905 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MGS905 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MGS905 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs Schottky Diodes
Rev. V1
MGS8xx / MGS9xx Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Outlines
Rating
Limits
Reverse Voltage
Rated Vbr
Forward Current
50 mA
DC Power Dissipation
75 mW per junction @ TA = 25°C
Operating Temperature
-65°C to +150°
Storage Temperature
-65°C to +150°
Soldering Temperature (packaged)
+260°C for 5 seconds per JEDEC J-STD-20C
Minimum Beam Lead Pull Strength
6 grams
Absolute Maximum Ratings


Similar Part No. - MGS905

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MGS MACOM-MGS Datasheet
96Kb / 2P
   GRID HIGH-PERFORMANCE RELAYS
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
   Reflective SPDT GaAs MMIC Switch
MGS-71008 HP-MGS-71008 Datasheet
53Kb / 5P
   Absorptive SPDT GaAs MMIC Switch
logo
Motorola, Inc
MGS05N60D MOTOROLA-MGS05N60D Datasheet
135Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGS05N60D ONSEMI-MGS05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
More results

Similar Description - MGS905

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS8001 MICROSEMI-MS8001 Datasheet
134Kb / 3P
   GaAs Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2037 MA-COM-MA4E2037 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
logo
Alpha Industries
DMK2783-000 ALPHA-DMK2783-000 Datasheet
85Kb / 4P
   GaAs Flip Chip Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2037_V3 MA-COM-MA4E2037_V3 Datasheet
69Kb / 4P
   GaAs Beam Lead Schottky Diodes
logo
KODENSHI_AUK CORP.
KBM-N56-1 KODENSHI-KBM-N56-1 Datasheet
43Kb / 1P
   GaAs Flip Chip Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
   GaAs Flip Chip Schottky Barrier Diodes
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
   GaAs Flip Chip Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSCH-9101 HP-HSCH-9101 Datasheet
66Kb / 4P
   GaAs Beam Lead Schottky Barrier Diodes
logo
Tyco Electronics
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
   GaAs Flip Chip Schottky Barrier Diodes
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
   GaAs Beam Lead Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com