Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71T75802150BGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71T75802150BGI
Description  Synchronous ZBT SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71T75802150BGI Datasheet(HTML) 1 Page - Integrated Device Technology

  71T75802150BGI Datasheet HTML 1Page - Integrated Device Technology 71T75802150BGI Datasheet HTML 2Page - Integrated Device Technology 71T75802150BGI Datasheet HTML 3Page - Integrated Device Technology 71T75802150BGI Datasheet HTML 4Page - Integrated Device Technology 71T75802150BGI Datasheet HTML 5Page - Integrated Device Technology 71T75802150BGI Datasheet HTML 6Page - Integrated Device Technology 71T75802150BGI Datasheet HTML 7Page - Integrated Device Technology 71T75802150BGI Datasheet HTML 8Page - Integrated Device Technology 71T75802150BGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
APRIL 2012
DSC-5313/10
1
©2012 Integrated Device Technology, Inc.
A0-A19
Address Inputs
Input
Synchronous
CE1
, CE2, CE2
Chip Enables
Input
Synchronous
OE
Output Enable
Input
Asynchronous
R/W
Read/Write Signal
Input
Synchronous
CEN
Clock Enable
Input
Synchronous
BW1
, BW2, BW3, BW4
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV/LD
Advance burst address / Load new address
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
Static
TMS
Test Mode Select
Input
N/A
TDI
Test Data Input
Input
N/A
TCK
Test Clock
Input
N/A
TDO
Test Data Input
Output
N/A
TRST
JTAG Reset (Optional)
Input
Asynchronous
ZZ
Sleep Mode
Input
Synchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
Static
VSS
Ground
Supply
Static
5313 tbl 01
Pin Description Summary
Features
• 512K x 36, 1M x 18 memory configurations
• Supports high performance system speed - 200 MHz
(3.2 ns Clock-to-Data Access)
• ZBTTM Feature - No dead cycles between write and read
cycles
• Internally synchronized output buffer enable eliminates the
need to control OE
• Single R/W (READ/WRITE) control pin
• Positive clock-edge triggered address, data, and control
signal registers for fully pipelined applications
• 4-word burst capability (interleaved or linear)
• Individual byte write (BW1 - BW4) control (May tie active)
• Three chip enables for simple depth expansion
• 2.5V power supply (±5%)
• 2.5V I/O Supply (VDDQ)
• Power down controlled by ZZ input
• Boundary Scan JTAG Interface (IEEE 1149.1 Compliant)
• Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA)
IDT71T75602
IDT71T75802
512K x 36, 1M x 18
2.5V Synchronous ZBT™ SRAMs
2.5V I/O, Burst Counter
Pipelined Outputs
Description
The IDT71T75602/802 are 2.5V high-speed 18,874,368-bit
(18 Megabit)synchronousSRAMs.Theyaredesignedtoeliminatedead
bus cycles when turning the bus around between reads and writes, or
writes and reads. Thus, they have been given the name ZBTTM, or Zero
Bus Turnaround.
Address and control signals are applied to the SRAM during one
clock cycle, and two cycles later the associated data cycle occurs, be it
read or write.
The IDT71T75602/802 contain data I/O, address and control signal
registers.Outputenableistheonlyasynchronoussignalandcanbeused
todisabletheoutputsatanygiventime.
A Clock Enable CEN pin allows operation of the IDT71T75602/802
tobesuspendedaslongasnecessary.Allsynchronousinputsareignored
when(CEN)ishighandtheinternaldeviceregisterswillholdtheirprevious
values.
There are three chip enable pins (CE1, CE2, CE2) that allow the
usertodeselectthedevicewhendesired.Ifanyoneofthesethreeisnot
assertedwhenADV/LDislow,nonewmemoryoperationcanbeinitiated.
However,anypendingdatatransfers(readsorwrites)willbecompleted.


Similar Part No. - 71T75802150BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71T75802S100BG IDT-71T75802S100BG Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75802S100BG RENESAS-71T75802S100BG Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75802S100BG8 IDT-71T75802S100BG8 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75802S100BG8 RENESAS-71T75802S100BG8 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75802S100BGGI IDT-71T75802S100BGGI Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
More results

Similar Description - 71T75802150BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com