Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V2556XS150BGG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 71V2556XS150BGG
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2556XS150BGG Datasheet(HTML) 3 Page - Integrated Device Technology

  71V2556XS150BGG Datasheet HTML 1Page - Integrated Device Technology 71V2556XS150BGG Datasheet HTML 2Page - Integrated Device Technology 71V2556XS150BGG Datasheet HTML 3Page - Integrated Device Technology 71V2556XS150BGG Datasheet HTML 4Page - Integrated Device Technology 71V2556XS150BGG Datasheet HTML 5Page - Integrated Device Technology 71V2556XS150BGG Datasheet HTML 6Page - Integrated Device Technology 71V2556XS150BGG Datasheet HTML 7Page - Integrated Device Technology 71V2556XS150BGG Datasheet HTML 8Page - Integrated Device Technology 71V2556XS150BGG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
6.42
IDT71V2556, 128K x 36, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
3
Functional Block Diagram
Clk
DQ
DQ
DQ
Address A [0:16]
Control Logic
Address
Control
DI
DO
4875 drw 01a
Clock
Data I/O [0:31],
I/O P[1:4]
D
Q
Output Register
Mux
Sel
Gate
OE
CE1, CE2, CE2
R/
W
CEN
ADV/
LD
BWx
LBO
128Kx36 BIT
MEMORY ARRAY
,
JTAG
(SA Version)
TMS
TDI
TCK
TDO
TRST
(optional)
Recommended DC Operating
Conditions
NOTES:
1. VIL (min.) = –1.0V for pulse width less than tCYC/2, once per cycle.
2. VIH (max.) = +6.0V for pulse width less than tCYC/2, once per cycle.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
V D
D
e
g
a
tl
o
V
y
l
p
p
u
S
e
r
o
C5
3
1
.
33
.
35
6
4
.
3V
V Q
D
D
e
g
a
tl
o
V
y
l
p
p
u
S
O
/I5
7
3
.
25
.
25
2
6
.
2V
V S
S
e
g
a
tl
o
V
y
l
p
p
u
S0
0
0
V
V H
I
s
t
u
p
n
I
-
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I7
.
1
_
_
_
_
V D
D
3
.
0
+V
V H
I
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I- O
/I7
.
1
_
_
_
_
V Q
D
D
3
.
0
+
)
2
(
V
V L
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
I3
.
0
-
)
1
(
_
_
_
_
7
.
0V
3
0
l
b
t
5
7
8
4


Similar Part No. - 71V2556XS150BGG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S100PFG RENESAS-71V2556S100PFG Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S100PFG8 RENESAS-71V2556S100PFG8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S100PFGI RENESAS-71V2556S100PFGI Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S100PFGI8 RENESAS-71V2556S100PFGI8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
More results

Similar Description - 71V2556XS150BGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com