Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71T75802200BGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 71T75802200BGI
Description  Synchronous ZBT SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71T75802200BGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 71T75802200BGI Datasheet HTML 2Page - Integrated Device Technology 71T75802200BGI Datasheet HTML 3Page - Integrated Device Technology 71T75802200BGI Datasheet HTML 4Page - Integrated Device Technology 71T75802200BGI Datasheet HTML 5Page - Integrated Device Technology 71T75802200BGI Datasheet HTML 6Page - Integrated Device Technology 71T75802200BGI Datasheet HTML 7Page - Integrated Device Technology 71T75802200BGI Datasheet HTML 8Page - Integrated Device Technology 71T75802200BGI Datasheet HTML 9Page - Integrated Device Technology 71T75802200BGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6.42
6
IDT71T75602, IDT71T75802, 512K x 36, 1M x 18, 2.5V Synchronous ZBT™ SRAMs with
2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
NOTES:
1. J3, R5, and J5 do not have to be directly connected to VDD as long as the input voltage is
≥ VIH.
2. U2, U3, U4 and U6 will be pulled internally to VDD if not actively driven. To disable the TAP controller without interfering with normal operation, several settings are
possible. U2, U3, U4 and U6 could be tied to VDD or VSS and U5 should be left unconnected. Or all JTAG inputs(TMS, TDI, and TCK and TRST) U2, U3, U4 and U6
could be left unconnected “NC” and the JTAG circuit will remain disabled from power up.
3. The 36M address will be ball T6 (for the 512K x 36 device) and ball T4 (for the 1M x 18 device).
4. TRST is offered as an optional JTAG reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD.
Top View
Pin Configuration — 1M X 18, 119 BGA(1,2)
Top View
Pin Configuration — 512K X 36, 119 BGA(1,2)
1
2345
6
7
AVDDQ
A
6
A
4
A
18
A
8
A
16
VDDQ
BNC
CE
2
A
3
ADV/LD
A
9
CE
2
NC
CNC
A
7
A
2
VDD
A
12
A
15
NC
DI/O
16
I/O
P3
VSS
NC
VSS
I/O
P2
I/O
15
EI/O
17
I/O
18
VSS
CE
1
VSS
I/O
13
I/O
14
FVDDQ
I/O
19
VSS
OE
VSS
I/O
12
VDDQ
GI/O
20
I/O
21
BW
3
A
17
BW
2
I/O
11
I/O
10
HI/O
22
I/O
23
VSS
R/W
VSS
I/O
9
I/O
8
JVDDQ
VDD
VDD(1)
VDD
VDD(1)
VDD
VDDQ
KI/O
24
I/O
26
VSS
CLK
VSS
I/O
6
I/O
7
LI/O
25
I/O
27
BW
4
NC
BW
1
I/O
4
I/O
5
MVDDQ
I/O
28
VSS
CEN
VSS
I/O
3
VDDQ
NI/O
29
I/O
30
VSS
A
1
VSS
I/O
2
I/O
1
PI/O
31
I/O
P4
VSS
A
0
VSS
I/O
P1
I/O
0
RNC
A
5
LBO
VDD
VDD(1)
A
13
NC
TNC
NC
A
10
A
11
A
14
NC(3)
ZZ
UVDDQ
NC/TMS(2)
NC/TDI(2) NC/TCK(2) NC/TDO(2) NC/TRST(2,4)
VDDQ
5313 tbl 25
1
2345
6
7
AVDDQ
A
6
A
4
A
19
A
8
A
16
VDDQ
BNC
CE
2
A
3
ADV/LD
A
9
CE
2
NC
CNC
A
7
A
2
VDD
A
13
A
17
NC
DI/O
8
NC
VSS
NC
VSS
I/O
P1
NC
ENC
I/O
9
VSS
CE
1
VSS
NC
I/O
7
FVDDQ
NC
VSS
OE
VSS
I/O
6
VDDQ
GNC
I/O
10
BW
2
A
18
VSS
NC
I/O
5
HI/O
11
NC
VSS
R/W
VSS
I/O
4
NC
JVDDQ
VDD
VDD(1)
VDD
VDD(1)
VDD
VDDQ
KNC
I/O
12
VSS
CLK
VSS
NC
I/O
3
LI/O13
NC
VSS
NC
BW1
I/O
2
NC
MVDDQ
I/O
14
VSS
CEN
VSS
NC
VDDQ
NI/O
15
NC
VSS
A
1
VSS
I/O
1
NC
PNC
I/O
P2
VSS
A
0
VSS
NC
I/O
0
RNC
A
5
LBO
VDD
VDD(1)
A
12
NC
TNC
A
10
A
15
NC(3)
A
14
A
11
ZZ
UVDDQ
NC/TMS(2)
NC/TDI(2) NC/TCK(2) NC/TDO(2) NC/TRST(2,4)
VDDQ
5313 tbl 25a


Similar Part No. - 71T75802200BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71T75802S100BG IDT-71T75802S100BG Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75802S100BG RENESAS-71T75802S100BG Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75802S100BG8 IDT-71T75802S100BG8 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75802S100BG8 RENESAS-71T75802S100BG8 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75802S100BGGI IDT-71T75802S100BGGI Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
More results

Similar Description - 71T75802200BGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com