Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71T75802133BGGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71T75802133BGGI
Description  Synchronous ZBT SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71T75802133BGGI Datasheet(HTML) 5 Page - Integrated Device Technology

  71T75802133BGGI Datasheet HTML 1Page - Integrated Device Technology 71T75802133BGGI Datasheet HTML 2Page - Integrated Device Technology 71T75802133BGGI Datasheet HTML 3Page - Integrated Device Technology 71T75802133BGGI Datasheet HTML 4Page - Integrated Device Technology 71T75802133BGGI Datasheet HTML 5Page - Integrated Device Technology 71T75802133BGGI Datasheet HTML 6Page - Integrated Device Technology 71T75802133BGGI Datasheet HTML 7Page - Integrated Device Technology 71T75802133BGGI Datasheet HTML 8Page - Integrated Device Technology 71T75802133BGGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
6.42
IDT71T75602, IDT71T75802, 512K x 36, 1M x 18, 2.5V Synchronous ZBT™ SRAMs with
2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
5
Absolute Maximum Ratings(1)
Pin Configuration — 1Mx 18
100-Pin TQFP Capacitance
(TA = +25°C, f = 1.0MHz)
NOTES:
1. Pins 14, 16, and 66 do not have to be connected directly to VDD as long as the
input voltage is
≥ VIH.
2. Pins 38, 39 and 43 will be pulled internally to VDD if not actively driven. To
disable the TAP controller without interfering with normal operation, several
settings are possible. Pins 38, 39 and 43 could be tied to VDD or VSS and pin 42
should be left unconnected. Or all JTAG inputs (TMS, TDI and TCK) pins 38,
39 and 43 could be left unconnected “NC” and the JTAG circuit will remain
disabled from power up.
3. Pin 43 is reserved for the 36M address. JTAG is not offered in the 100-pin
TQFP package for the 36M ZBT device.
Top View
100 TQFP
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary; however,
the voltage on any input or I/O pin cannot exceed VDDQ during power supply ramp
up.
7. During production testing, the case temperature equals TA.
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
Symbol
Rating
Commercial
Industrial
Unit
VTERM(2)
Terminal Voltage with
Respect to GND
-0.5 to +3.6
-0.5 to +3.6
V
VTERM(3,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD
-0.5 to VDD
V
VTERM(4,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.5
-0.5 to VDD +0.5
V
VTERM(5,6)
Terminal Voltage with
Respect to GND
-0.5 to VDDQ +0.5
-0.5 to VDDQ +0.5
V
TA(7)
Operating Ambient
Temperature
0 to +70
-40 to +85
o
C
TBIAS
Temperature Under Bias
-55 to +125
-55 to +125
o
C
TSTG
Storage Temperature
-55 to +125
-55 to +125
o
C
PT
Power Dissipation
2.0
2.0
W
IOUT
DC Output Current
50
50
mA
5313 tbl 06
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5313 tbl 07
100 99 98 97 96 95 94 93 92 91 90
87 86 85 84 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC
NC
VDDQ
VSS
NC
I/OP2
I/O15
I/O14
VSS
VDDQ
I/O13
I/O12
VSS
VDD
I/O11
I/O10
VDDQ
VSS
I/O9
I/O8
NC
NC
VSS
VDDQ
NC
NC
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
VDDQ
VSS
NC
I/OP1
I/O7
I/O6
VSS
VDDQ
I/O5
I/O4
VSS
VDD
I/O3
I/O2
VDDQ
VSS
I/O1
I/O0
NC
NC
VSS
VDDQ
NC
NC
5313 drw 02a
VDD(1)
NC
NC
VDD(1)
NC
NC
VDD(1)
A10
ZZ
,
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5313 tbl 07a
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5313 tbl 07b
165 fBGA Capacitance
(TA = +25°C, f = 1.0MHz)
119 BGA Capacitance
(TA = +25°C, f = 1.0MHz)


Similar Part No. - 71T75802133BGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71T75802S100BG IDT-71T75802S100BG Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75802S100BG RENESAS-71T75802S100BG Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75802S100BG8 IDT-71T75802S100BG8 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75802S100BG8 RENESAS-71T75802S100BG8 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75802S100BGGI IDT-71T75802S100BGGI Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
More results

Similar Description - 71T75802133BGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com