Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V2556XS166BGG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71V2556XS166BGG
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2556XS166BGG Datasheet(HTML) 5 Page - Integrated Device Technology

  71V2556XS166BGG Datasheet HTML 1Page - Integrated Device Technology 71V2556XS166BGG Datasheet HTML 2Page - Integrated Device Technology 71V2556XS166BGG Datasheet HTML 3Page - Integrated Device Technology 71V2556XS166BGG Datasheet HTML 4Page - Integrated Device Technology 71V2556XS166BGG Datasheet HTML 5Page - Integrated Device Technology 71V2556XS166BGG Datasheet HTML 6Page - Integrated Device Technology 71V2556XS166BGG Datasheet HTML 7Page - Integrated Device Technology 71V2556XS166BGG Datasheet HTML 8Page - Integrated Device Technology 71V2556XS166BGG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.42
IDT71V2556, 128K x 36, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
5
Absolute Maximum Ratings(1)
100 TQFP Capacitance(1)
(TA = +25° C, f = 1.0MHz)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary;
however, the voltage on any input or I/O pin cannot exceed VDDQ during power
supply ramp up.
7. TA is the "instant on" case temperature.
l
o
b
m
y
Sg
n
i
t
a
R
&
l
a
i
c
r
e
m
m
o
C
s
e
u
l
a
V
l
a
i
r
t
s
u
d
n
I
t
i
n
U
V
M
R
E
T
)
2
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
6
.
4
+
o
t
5
.
0
-V
V
M
R
E
T
)
6
,
3
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
D
D
V
V
M
R
E
T
)
6
,
4
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
D
D
5
.
0
+V
V
M
R
E
T
)
6
,
5
(
h
ti
w
e
g
a
tl
o
V
l
a
n
i
m
r
e
T
D
N
G
o
t
t
c
e
p
s
e
R
V
o
t
5
.
0
-
Q
D
D
5
.
0
+V
TA )7
(
l
a
c
i
r
e
m
m
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
0
7
+
o
t
0
-
oC
l
a
i
r
t
s
u
d
n
I
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
5
8
+
o
t
0
4
-
oC
T
S
A
I
B
e
r
u
t
a
r
e
p
m
e
T
s
a
i
B
r
e
d
n
U
5
2
1
+
o
t
5
5
-
oC
T G
T
S
e
g
a
r
o
t
S
e
r
u
t
a
r
e
p
m
e
T
5
2
1
+
o
t
5
5
-
oC
PT
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P0
.
2W
I T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
C
D0
5A
m
6
0
l
b
t
5
7
8
4
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
)
1
(
s
n
o
i
t
i
d
n
o
C.
x
a
Mt
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
d
3
=5
F
p
C O
/I
e
c
n
a
ti
c
a
p
a
C
O
/IV T
U
O
V
d
3
=7
F
p
7
0
l
b
t
5
7
8
4
119 BGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
)
1
(
s
n
o
i
t
i
d
n
o
C.
x
a
Mt
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
d
3
=7
F
p
C O
/I
e
c
n
a
ti
c
a
p
a
C
O
/IV T
U
O
V
d
3
=7
F
p
a
7
0
l
b
t
5
7
8
4
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.


Similar Part No. - 71V2556XS166BGG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S100PFG RENESAS-71V2556S100PFG Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S100PFG8 RENESAS-71V2556S100PFG8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S100PFGI RENESAS-71V2556S100PFGI Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556S100PFGI8 RENESAS-71V2556S100PFGI8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
More results

Similar Description - 71V2556XS166BGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com