Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71T75802166BGGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 71T75802166BGGI
Description  Synchronous ZBT SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71T75802166BGGI Datasheet(HTML) 4 Page - Integrated Device Technology

  71T75802166BGGI Datasheet HTML 1Page - Integrated Device Technology 71T75802166BGGI Datasheet HTML 2Page - Integrated Device Technology 71T75802166BGGI Datasheet HTML 3Page - Integrated Device Technology 71T75802166BGGI Datasheet HTML 4Page - Integrated Device Technology 71T75802166BGGI Datasheet HTML 5Page - Integrated Device Technology 71T75802166BGGI Datasheet HTML 6Page - Integrated Device Technology 71T75802166BGGI Datasheet HTML 7Page - Integrated Device Technology 71T75802166BGGI Datasheet HTML 8Page - Integrated Device Technology 71T75802166BGGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
6.42
4
IDT71T75602, IDT71T75802, 512K x 36, 1M x 18, 2.5V Synchronous ZBT™ SRAMs with
2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Recommended Operating
Temperature and Supply Voltage
Pin Configuration — 512K x 36
NOTES:
1. Pins 14, 16, and 66 do not have to be connected directly to VDD as long as the input voltage is
≥ VIH.
2. Pins 38, 39 and 43 will be pulled internally to VDD if not actively driven. To disable the TAP controller without interfering with
normal operation, several settings are possible. Pins 38, 39 and 43 could be tied to VDD or VSS and pin 42 should be left
unconnected. Or all JTAG inputs (TMS, TDI and TCK) pins 38, 39 and 43 could be left unconnected “NC” and the JTAG
circuit will remain disabled from power up.
3. Pin 43 is reserved for the 36M address. JTAG is not offered in the 100-pin TQFP package for the 36M ZBT device.
Top View
100 TQFP
Recommended DC Operating
Conditions
NOTE:
1. VIL (min.) = –0.8V for pulse width less than tCYC/2, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.375
2.5
2.625
V
VDDQ
I/O Supply Voltage
2.375
2.5
2.625
V
VSS
Ground
000
V
VIH
Input High Voltage - Inputs
1.7
____
VDD +0.3
V
VIH
Input High Voltage - I/O
1.7
____
VDDQ+0.3
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
5313 tbl 03
Grade
Ambient
Temperature(1)
VSS
VDD
VDDQ
Commercial
0° C to +70° C
OV
2.5V ± 5%
2.5V ± 5%
Industrial
-40° C to +85° C
OV
2.5V ± 5%
2.5V ± 5%
5313 tbl 05
100 99 98 97 96 95 94 93 92 91 90
87 86 85 84 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDDQ
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDDQ
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDDQ
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDDQ
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDDQ
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDDQ
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDDQ
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDDQ
I/O1
I/O0
5313 drw 02
VDD(1)
I/O15
I/OP3
VDD(1)
I/OP4
I/OP1
VDD(1)
I/OP2
ZZ
NOTE:
1. During production testing, the case temperature equals the ambient temperature.


Similar Part No. - 71T75802166BGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71T75802S100BG IDT-71T75802S100BG Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75802S100BG RENESAS-71T75802S100BG Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75802S100BG8 IDT-71T75802S100BG8 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71T75802S100BG8 RENESAS-71T75802S100BG8 Datasheet
348Kb / 28P
   512K x 36, 1M x 18 2.5V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Sep.27.21
logo
Integrated Device Techn...
71T75802S100BGGI IDT-71T75802S100BGGI Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
More results

Similar Description - 71T75802166BGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_17 Datasheet
260Kb / 26P
   2.5V Synchronous ZBT SRAMs I/O, Burst Counter Pipelined Outputs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com