Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGV125-26-H20 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MGV125-26-H20
Description  GaAs Hyperabrupt Varactor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MGV125-26-H20 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MGV125-26-H20 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MGV125-26-H20 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MGV125-26-H20 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MGV125-26-H20 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MGV125-26-H20 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
GaAs Hyperabrupt Varactor Diodes
1.25 Constant Gamma
Rev. V1
MGV125-x Series
Typical Performance, Chips
Chip Outline Drawings


Similar Part No. - MGV125-26-H20

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MGV1203100M-10 LSTD-MGV1203100M-10 Datasheet
113Kb / 1P
   this print is the property of laird tech
MGV12031R0M-10 LSTD-MGV12031R0M-10 Datasheet
115Kb / 1P
   this print is the property of laird tech
MGV12031R5M-10 LSTD-MGV12031R5M-10 Datasheet
113Kb / 1P
   this print is the property of laird tech
MGV12031R8M-10 LSTD-MGV12031R8M-10 Datasheet
114Kb / 1P
   this print is the property of laird tech
MGV12032R2M-10 LSTD-MGV12032R2M-10 Datasheet
116Kb / 1P
   this print is the property of laird tech
More results

Similar Description - MGV125-26-H20

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
logo
M/A-COM Technology Solu...
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
   GaAs Hyperabrupt Varactor Diode
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com