Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM3130 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHM3130
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM3130 Datasheet(HTML) 2 Page - International Rectifier

  IRHM3130 Datasheet HTML 1Page - International Rectifier IRHM3130 Datasheet HTML 2Page - International Rectifier IRHM3130 Datasheet HTML 3Page - International Rectifier IRHM3130 Datasheet HTML 4Page - International Rectifier IRHM3130 Datasheet HTML 5Page - International Rectifier IRHM3130 Datasheet HTML 6Page - International Rectifier IRHM3130 Datasheet HTML 7Page - International Rectifier IRHM3130 Datasheet HTML 8Page - International Rectifier IRHM3130 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
IRHM7130
IRHM7130
IRHM7130
IRHM7130
IRHM7130
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
14
ISM
Pulse Source Current (Body Diode) ➀
——
56
VSD Diode Forward Voltage
—
—
1.8
V
Tj = 25°C, IS = 14A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
370
nS
Tj = 25°C, IF = 14A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
—
—
3.5
µC
VDD ≤ 50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance
Thermal Resistance
Thermal Resistance
Thermal Resistance
Thermal Resistance
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
RthJC
Junction-to-Case
—
—
1.67
RthJA
Junction-to-Ambient
—
—
48
°C/W
RthCS
Case-to-Sink
— 0.21
—
Typical socket mount
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
0.12
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.18
VGS = 12V, ID =9.0A
Resistance
—
—
0.20
VGS = 12V, ID = 14A
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
3.3
—
—
S ( )VDS > 15V, IDS = 9.0A ➃
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS= 80V ,VGS=0V
—
—
250
VDS = 80V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
45
VGS =12V, ID =14A
Qgs
Gate-to-Source Charge
—
—
11
nC
VDS = 50V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
17
td(on)
Turn-On Delay Time
—
—
30
VDD = 50V, ID =14A
tr
Rise Time
—
—
120
VGS =12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
—
—
49
tf
Fall Time
—
—
64
LS + LD
Total Inductance
—
6.8
—
Ciss
Input Capacitance
—
1100
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
310
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
55
—
nA
nH
ns
µA
Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /25in.
from package) with Source wires internally
bonded from Source Pin to Drain Pad


Similar Part No. - IRHM3130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM3150 IRF-IRHM3150 Datasheet
444Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM3160 IRF-IRHM3160 Datasheet
137Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results

Similar Description - IRHM3130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7269 IRF-JANSR2N7269 Datasheet
264Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260 IRF-IRHM57260 Datasheet
99Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com