Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5087L Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMBT5087L
Description  Low Noise Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5087L Datasheet(HTML) 6 Page - ON Semiconductor

  MMBT5087L Datasheet HTML 1Page - ON Semiconductor MMBT5087L Datasheet HTML 2Page - ON Semiconductor MMBT5087L Datasheet HTML 3Page - ON Semiconductor MMBT5087L Datasheet HTML 4Page - ON Semiconductor MMBT5087L Datasheet HTML 5Page - ON Semiconductor MMBT5087L Datasheet HTML 6Page - ON Semiconductor MMBT5087L Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT5087L
www.onsemi.com
6
Figure 14. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k 2.0k
5.0k 10k
20k 50k 100k
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN569/D)
ZqJA(t) = r(t) • RqJA
TJ(pk) − TA = P(pk) ZqJA(t)
t1
t2
P(pk)
FIGURE 16
TJ, JUNCTION TEMPERATURE (°C)
104
-4
0
Figure 15. Typical Collector Leakage Current
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by
the model as shown in Figure 16. Using the model and the
device thermal response the normalized effective transient
thermal resistance of Figure 14 was calculated for various
duty cycles.
To find ZqJA(t), multiply the value obtained from Figure
14 by the steady state value RqJA.
Example:
Dissipating 2.0 watts peak under the following conditions:
t1 = 1.0 ms, t2 = 5.0 ms (D = 0.2)
Using Figure 14 at a pulse width of 1.0 ms and D = 0.2, the
reading of r(t) is 0.22.
The peak rise in junction temperature is therefore
DT = r(t) x P(pk) x RqJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see ON Semiconductor Application
Note AN569/D, available from the Literature Distribution
Center or on our website at www.onsemi.com.
10-2
10-1
100
101
102
103
-2
0
0
+ 20
+ 40
+ 60
+ 80 + 100 + 120 + 140 + 160
VCC = 30 V
ICEO
ICBO
AND
ICEX @ VBE(off) = 3.0 V


Similar Part No. - MMBT5087L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT5087LT1 MOTOROLA-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
logo
ON Semiconductor
MMBT5087LT1 ONSEMI-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
logo
Leshan Radio Company
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
   Low Noise Transistor(PNP Silicon)
logo
ON Semiconductor
MMBT5087LT1D ONSEMI-MMBT5087LT1D Datasheet
406Kb / 8P
   Low Noise Transistor
MMBT5087LT1G ONSEMI-MMBT5087LT1G Datasheet
237Kb / 7P
   Low Noise Transistor
August, 2009 ??Rev. 4
More results

Similar Description - MMBT5087L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2484LT1 MOTOROLA-MMBT2484LT1 Datasheet
291Kb / 6P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G Datasheet
196Kb / 5P
   Low Noise Transistor
August, 2009 ??Rev. 4
logo
Yea Shin Technology Co....
MMBT5087 YEASHIN-MMBT5087 Datasheet
836Kb / 7P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G_16 Datasheet
227Kb / 5P
   Low Noise Transistor
October, 2016 ??Rev. 5
MMBT5087LT1 ONSEMI-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
logo
Leshan Radio Company
LMBT5087LT1 LRC-LMBT5087LT1 Datasheet
144Kb / 6P
   Low Noise Transistor
logo
Fairchild Semiconductor
KST5088MTF FAIRCHILD-KST5088MTF Datasheet
62Kb / 5P
   Low Noise Transistor
KST5087MTF FAIRCHILD-KST5087MTF Datasheet
63Kb / 4P
   Low Noise Transistor
KST5088 FAIRCHILD-KST5088 Datasheet
56Kb / 5P
   Low Noise Transistor
logo
Motorola, Inc
MMBT5087LT1 MOTOROLA-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com