Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5551LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBT5551LT1G
Description  High Voltage Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5551LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT5551LT1G Datasheet HTML 1Page - ON Semiconductor MMBT5551LT1G Datasheet HTML 2Page - ON Semiconductor MMBT5551LT1G Datasheet HTML 3Page - ON Semiconductor MMBT5551LT1G Datasheet HTML 4Page - ON Semiconductor MMBT5551LT1G Datasheet HTML 5Page - ON Semiconductor MMBT5551LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 12
1
Publication Order Number:
MMBT5550LT1/D
MMBT5550L, MMBT5551L
High Voltage Transistors
NPN Silicon
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MMBT5550
MMBT5551
VCEO
140
160
Vdc
Collector−Base Voltage
MMBT5550
MMBT5551
VCBO
160
180
Vdc
Emitter−Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
600
mAdc
Electrostatic Discharge
Human Body Model
Machine Model
ESD
> 8000
> 400
V
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) @TA = 25°C
Derate Above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate (Note 2) @TA = 25°C
Derate Above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg −55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.
MARKING
DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER
www.onsemi.com
1
x1x M G
G
SOT−23 (TO−236)
CASE 318
STYLE 6
1
2
3
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBT5550LT1G
SOT−23
(Pb−Free)
3,000 / Tape &
Reel
MMBT5551LT1G
SOT−23
(Pb−Free)
3,000 / Tape &
Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
x1x = Device Code
M1F = MMBT5550LT
G1 = MMBT5551LT
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
SMMBT5551LT1G SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBT5551LT3G
SOT−23
(Pb−Free)
10,000 / Tape &
Reel
SMMBT5551LT3G SOT−23
(Pb−Free)
10,000 / Tape &
Reel
MMBT5550LT3G
SOT−23
(Pb−Free)
10,000 / Tape &
Reel


Similar Part No. - MMBT5551LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5551LT1G ONSEMI-MMBT5551LT1G Datasheet
97Kb / 6P
   High Voltage Transistors
December, 2004 ??Rev. 4
MMBT5551LT1G ONSEMI-MMBT5551LT1G Datasheet
127Kb / 6P
   High Voltage Transistors NPN Silicon
September, 2010 ??Rev. 9
More results

Similar Description - MMBT5551LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com