Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVMMBT5401LT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSVMMBT5401LT3G
Description  High Voltage Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMMBT5401LT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NSVMMBT5401LT3G Datasheet HTML 1Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 2Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 3Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 4Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 5Page - ON Semiconductor NSVMMBT5401LT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT5401L, SMMBT5401L, NSVMMBT5401L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−150
Vdc
Collector − Base Breakdown Voltage
(IC = −100 mAdc, IE = 0)
V(BR)CBO
−160
Vdc
Emitter − Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector−Base Cutoff Current
(VCB = −120 Vdc, IE = 0)
(VCB = −120 Vdc, IE = 0, TA = 100°C)
ICBO
−50
−50
nAdc
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −1.0 mAdc, VCE = −5.0 Vdc)
(IC = −10 mAdc, VCE = −5.0 Vdc)
(IC = −50 mAdc, VCE = −5.0 Vdc)
hFE
50
60
50
240
Collector − Emitter Saturation Voltage
(IC = −10 mAdc, IB = −1.0 mAdc)
(IC = −50 mAdc, IB = −5.0 mAdc)
VCE(sat)
−0.2
−0.5
Vdc
Base − Emitter Saturation Voltage
(IC = −10 mAdc, IB = −1.0 mAdc)
(IC = −50 mAdc, IB = −5.0 mAdc)
VBE(sat)
−1.0
−1.0
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current − Gain — Bandwidth Product
(IC = −10 mAdc, VCE = −10 Vdc, f = 100 MHz)
fT
100
300
MHz
Output Capacitance
(VCB = −10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
6.0
pF
Small Signal Current Gain
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hfe
40
200
Noise Figure
(IC = −200 mAdc, VCE = −5.0 Vdc, RS = 10 W, f = 1.0 kHz)
NF
8.0
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NSVMMBT5401LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMMBT5401M3T5G ONSEMI-NSVMMBT5401M3T5G Datasheet
220Kb / 7P
   High Voltage Transistor PNP Silicon
June, 2019 ??Rev. 1
NSVMMBT5401WT1G ONSEMI-NSVMMBT5401WT1G Datasheet
73Kb / 6P
   High Voltage Transistor
March, 2015 ??Rev. 2
More results

Similar Description - NSVMMBT5401LT3G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com