Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222AL Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBT2222AL
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222AL Datasheet(HTML) 4 Page - ON Semiconductor

  MMBT2222AL Datasheet HTML 1Page - ON Semiconductor MMBT2222AL Datasheet HTML 2Page - ON Semiconductor MMBT2222AL Datasheet HTML 3Page - ON Semiconductor MMBT2222AL Datasheet HTML 4Page - ON Semiconductor MMBT2222AL Datasheet HTML 5Page - ON Semiconductor MMBT2222AL Datasheet HTML 6Page - ON Semiconductor MMBT2222AL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT2222L, MMBT2222AL, SMMBT2222AL
www.onsemi.com
4
1.0
0.8
0.6
0.4
0.2
0
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
IB, BASE CURRENT (mA)
Figure 4. Collector Saturation Region
TJ = 25°C
IC = 1.0 mA
10 mA
150 mA
500 mA
Figure 5. Turn −On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
50
10
20
70
5.0
100
5.0 7.0
30
50
200
10
30
7.0
20
IC/IB = 10
TJ = 25°C
tr @ VCC = 30 V
td @ VEB(off) = 2.0 V
td @ VEB(off) = 0
3.0
2.0
300
500
500
5.0
7.0
10
20
30
50
70
100
200
300
Figure 6. Turn −Off Time
IC, COLLECTOR CURRENT (mA)
10
20
70
100
5.0 7.0
30
50
200
300
500
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
t
s = ts - 1/8 tf
tf
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
4.0
6.0
8.0
10
2.0
0.1
Figure 8. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
1.0 2.0
5.0 10
20
50
0.2
0.5
0
100
0.01 0.02
0.05
RS = OPTIMUM
RS = SOURCE
RS = RESISTANCE
IC = 1.0 mA, RS = 150 W
500
mA, RS = 200 W
100
mA, RS = 2.0 kW
50
mA, RS = 4.0 kW
f = 1.0 kHz
IC = 50 mA
100
mA
500
mA
1.0 mA
4.0
6.0
8.0
10
2.0
0
50
100
200
500
1.0 k 2.0 k
5.0 k 10 k 20 k
50 k 100 k


Similar Part No. - MMBT2222AL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT2222AL-AE3-R UTC-MMBT2222AL-AE3-R Datasheet
118Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
MMBT2222AL-AE3-R UTC-MMBT2222AL-AE3-R Datasheet
289Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
MMBT2222AL-AL3-R UTC-MMBT2222AL-AL3-R Datasheet
289Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
MMBT2222AL-AN3-R UTC-MMBT2222AL-AN3-R Datasheet
118Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
MMBT2222AL-AN3-R UTC-MMBT2222AL-AN3-R Datasheet
289Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT2222AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com