Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMMBT3906LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMMBT3906LT1G
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT3906LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  SMMBT3906LT1G Datasheet HTML 1Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 2Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 3Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 4Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 5Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 6Page - ON Semiconductor SMMBT3906LT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBT3906L, SMMBT3906L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−40
Vdc
Collector − Base Breakdown Voltage
(IC = −10 mAdc, IE = 0)
V(BR)CBO
−40
Vdc
Emitter − Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Base Cutoff Current
(VCE = −30 Vdc, VEB = −3.0 Vdc)
IBL
−50
nAdc
Collector Cutoff Current
(VCE = −30 Vdc, VEB = −3.0 Vdc)
ICEX
−50
nAdc
ON CHARACTERISTICS (Note 4)
DC Current Gain
(IC = −0.1 mAdc, VCE = −1.0 Vdc)
(IC = −1.0 mAdc, VCE = −1.0 Vdc)
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −50 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
HFE
60
80
100
60
30
300
Collector − Emitter Saturation Voltage
(IC = −10 mAdc, IB = −1.0 mAdc)
(IC = −50 mAdc, IB = −5.0 mAdc)
VCE(sat)
−0.25
−0.4
Vdc
Base − Emitter Saturation Voltage
(IC = −10 mAdc, IB = −1.0 mAdc)
(IC = −50 mAdc, IB = −5.0 mAdc)
VBE(sat)
−0.65
−0.85
−0.95
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = −10 mAdc, VCE = −20 Vdc, f = 100 MHz)
fT
250
MHz
Output Capacitance
(VCB = −5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.5
pF
Input Capacitance
(VEB = −0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
10
pF
Input Impedance
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hie
2.0
12
k
W
Voltage Feedback Ratio
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hre
0.1
10
X 10−4
Small − Signal Current Gain
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hfe
100
400
Output Admittance
(IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hoe
3.0
60
mmhos
Noise Figure
(IC = −100 mAdc, VCE = −5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz)
NF
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = −3.0 Vdc, VBE = 0.5 Vdc,
IC = −10 mAdc, IB1 = −1.0 mAdc)
td
35
ns
Rise Time
tr
35
Storage Time
(VCC = −3.0 Vdc, IC = −10 mAdc,
IB1 = IB2 = −1.0 mAdc)
ts
225
ns
Fall Time
tf
75
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.


Similar Part No. - SMMBT3906LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT3906LT1G ONSEMI-SMMBT3906LT1G Datasheet
128Kb / 7P
   General Purpose Transistor
November, 2011 ??Rev. 10
More results

Similar Description - SMMBT3906LT1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com