Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21592 Datasheet(PDF) 5 Page - International Rectifier

Part # IR21592
Description  Dimming Ballast Control IC Design Kit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21592 Datasheet(HTML) 5 Page - International Rectifier

  IR21592 Datasheet HTML 1Page - International Rectifier IR21592 Datasheet HTML 2Page - International Rectifier IR21592 Datasheet HTML 3Page - International Rectifier IR21592 Datasheet HTML 4Page - International Rectifier IR21592 Datasheet HTML 5Page - International Rectifier IR21592 Datasheet HTML 6Page - International Rectifier IR21592 Datasheet HTML 7Page - International Rectifier IR21592 Datasheet HTML 8Page - International Rectifier IR21592 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.irf.com
Power Factor Correction
The power factor correction section consists of the L6561D Power Factor Controller IC (IC1), MOSFET
M1, inductor L2, diode D2, capacitor C8 and additional biasing, sensing and compensation compo-
nents (see schematic diagram). This is a boost topology designed to step-up and regulate the output
DC bus voltage while drawing sinusoidal current from the line (low THD) which is “in phase” with the
AC input line voltage (HPF). The design of the power factor correction section was taken from the
L6561D data sheet and information on the operation and design considerations for the L6561D are
contained therein.
Ballast Control
The ballast control section is built around the IR21592 Ballast Control IC, IC2 of the Demo board.
The IR21592 contains an oscillator, a high voltage half-bridge gate driver, an analog dimming inter-
face and lamp fault protection circuitry. A block diagram of the IR21592 IC is shown in figure 1 and a
state diagram of the IR21592 is shown in figure 2.
Figure 1: IR21592 Block Diagram
LEVEL
SHIFT
PULSE
FILTER &
LATCH
3
5.1V
4
6
10V
2
1.3uA
5
7
8
5.1V
1.0V
CPH
DIM
MAX
MIN
FMIN
IPH
VCO
Q
S
R2 Q
R1
Q
T
RQ
16
14
15
VS
HO
VB
13
11
12
COM
LO
VCC
15.6V
10
1.6V
CS
UNDER-
VOLTAGE
DETECT
1
VDC
I
CT
I
CT
15uA
1uA
60uA
CT
I
FMIN
Q
S
RQ
Q
S
RQ
I
DIM
5.1V
1
0
VCC
400ns
DELAY
5.1V
3V
R
FB
V
ERR
REF
FB
CT
OVER-
TEMP
DETECT
IGN
DET
Q
S
R
Q
9
SD
2.0V
7.6V
Q
S
RQ
I
DT
I
CT
+
I
DIM/5
4/R
FMIN
1/R
FMIN
0.1/R
FMIN
0.1/R
FMIN


Similar Part No. - IR21592

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
More results

Similar Description - IR21592

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592_08 Datasheet
270Kb / 14P
   IR21592 Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com