Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS0708 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KS0708
Description  64COM/128SEG DRIVE FOR DOT MATRIX LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0708 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KS0708 Datasheet HTML 4Page - Samsung semiconductor KS0708 Datasheet HTML 5Page - Samsung semiconductor KS0708 Datasheet HTML 6Page - Samsung semiconductor KS0708 Datasheet HTML 7Page - Samsung semiconductor KS0708 Datasheet HTML 8Page - Samsung semiconductor KS0708 Datasheet HTML 9Page - Samsung semiconductor KS0708 Datasheet HTML 10Page - Samsung semiconductor KS0708 Datasheet HTML 11Page - Samsung semiconductor KS0708 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PRELIMINARY SPECIFICATION
64COM/128SEG DRIVE FOR DOT MATRIX LCD
KS0708
8
M/M-96-D001
97-09-19
FUNCTIONAL DESCRIPTION
Chip Select input
The KS0708 has two chip select pin, CS1B and CS2B. It can interface with a mircoprocessor when these
pins(CS1B or CS2B)is Low. When both of these pins are set to High, DB0 to DB7 are high impedance
and RS, RW, and E inputs are disabled. CS1B pin controls the display status of S1 to S64, and CS2B
does that of S65 to S128. When CS1B and CS2B are Low at the same time, it is impossible to execute
read operation. Therefore one of CS1B or CS2B should be set to Low((CS1B = ¡¨H¡¨& CS2B = ¡¨L¡¨)or
(CS1B = ¡¨L¡¨ & CS2B = ¡¨H¡¨)) in read operation. The RESETB signal is entered independet of the sta-
tus of Chip Select.
CS1B
CS2B
Read Operation
Write Operation
CS1
CS2
CS1
CS2
H
H
X
X
X
X
L
H
¡Û
X
¡Û
X
H
L
X
¡Û
X
¡Û
L
L
-
-
¡Û
¡Û
( - : Not Recommended, ¡Û : Operation, X : No Operation)
Table 1. Relationship between Chip Select pins and Read/Write Operation
Microprocessor Interface
KS0708 transfers 8-bit parallel in either direction between the controlling microprocessor and the KS0708
through the 8-bit I/O buffer(DB0 TO DB7).
RS, RW and E identify the type of parallel data transfer to be made as shown in table 2.
RS
RW
Description
H
H
Display data read
H
L
Display data write
L
H
Status read
L
L
Writes to internal register (Instruction)
Table 2. Microprocessor Interface


Similar Part No. - KS0708

ManufacturerPart #DatasheetDescription
logo
Lumberg
KS07 LUMBERG-KS07 Datasheet
440Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
logo
Samsung semiconductor
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0717 SAMSUNG-KS0717 Datasheet
869Kb / 64P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results

Similar Description - KS0708

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0708 SAMSUNG-S6B0708 Datasheet
288Kb / 29P
   64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD
logo
Anpec Electronics Corop...
APU0063 ANPEC-APU0063 Datasheet
113Kb / 11P
   80CH DRIVER FOR DOT MATRIX LCD
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
   Dot Matrix LCD Driver?
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC7940YC SANYO-LC7940YC Datasheet
257Kb / 13P
   Dot-matrix LCD Drivers
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
   Dot Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com