Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1064 Datasheet(PDF) 2 Page - MTRONPTI

Part # PA1064
Description  Suitable for all modulations standards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PA1064 Datasheet(HTML) 2 Page - MTRONPTI

  PA1064 Datasheet HTML 1Page - MTRONPTI PA1064 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification for a 20-6000MHz 20W Power Amplifier
MtronPTI P/N: PA1064
OUTLINE DRAWING


Similar Part No. - PA1064

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA1062 MTRONPTI-PA1062 Datasheet
828Kb / 2P
   Solid State High Power Amplifier
logo
Tyco Electronics
PA1066 MACOM-PA1066 Datasheet
158Kb / 1P
   800-960MHz.Ultra Linear Amplifier
logo
Pulse A Technitrol Comp...
PA1066NL PULSE-PA1066NL Datasheet
279Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
PA1066NL PULSE-PA1066NL Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
logo
MTRONPTI
PA1067 MTRONPTI-PA1067 Datasheet
416Kb / 2P
   Solid State High Power Amplifier
More results

Similar Description - PA1064

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA4020D MTRONPTI-PA4020D Datasheet
344Kb / 2P
   Suitable for all modulations standards
PA3038 MTRONPTI-PA3038 Datasheet
243Kb / 2P
   Suitable for all modulations standards
PA3111V1 MTRONPTI-PA3111V1 Datasheet
164Kb / 2P
   Suitable for all modulations standards
PA7003 MTRONPTI-PA7003 Datasheet
231Kb / 2P
   Suitable for all modulations standards
PA7004 MTRONPTI-PA7004 Datasheet
230Kb / 2P
   Suitable for all modulations standards
PA2062 MTRONPTI-PA2062 Datasheet
262Kb / 2P
   Suitable for all modulations standards
PA2064X1 MTRONPTI-PA2064X1 Datasheet
238Kb / 2P
   Suitable for all modulations standards
PA20X3-1 MTRONPTI-PA20X3-1 Datasheet
344Kb / 2P
   Suitable for all modulations standards
PA4037 MTRONPTI-PA4037 Datasheet
159Kb / 2P
   Suitable for all modulations standards
PA1086 MTRONPTI-PA1086 Datasheet
383Kb / 2P
   Suitable for all modulations standards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com