Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU1123C9 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWU1123C9
Description  Plastic Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1123C9 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWU1123C9 Datasheet HTML 1Page - Panasonic Semiconductor ECWU1123C9 Datasheet HTML 2Page - Panasonic Semiconductor ECWU1123C9 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
Element
(Stacked)
Outer
electrode
0.35±0.20
0.35±0.20
✽ To be applied only for size code Z, X
✽✽ To be applied only for size code V
✽✽✽ To be applied only for size code B, Z, X, V
✽✽
(±0.5)
(±0.4)
L±0.2
✽✽✽
(±0.4)
W±0.3
Capacitance
(μF)
Rated voltage 100 V.DC
Rated voltage 250 V.DC
Part No.
Dimensions (mm)
Size
code
Q'ty
Part No.
Dimensions (mm)
Size
code
Q'ty
LW
H
L
W
H
0.0010
Please use 0.001 μF to 0.01 μF
rating
ECWU(X)
ECWU2102◻C9
4.8
3.3
1.4
E1
3000
0.0012
ECWU2122◻C9
4.8
3.3
1.4
E1
0.0015
ECWU2152◻C9
4.8
3.3
1.4
E1
0.0018
ECWU2182◻C9
4.8
3.3
1.4
E1
0.0022
ECWU2222◻C9
4.8
3.3
1.4
E1
0.0027
ECWU2272◻C9
4.8
3.3
1.4
E1
0.0033
ECWU2332◻C9
4.8
3.3
1.4
E1
0.0039
ECWU2392◻C9
4.8
3.3
1.4
E1
0.0047
ECWU2472◻C9
4.8
3.3
1.4
E1
0.0056
ECWU2562◻C9
4.8
3.3
1.4
E1
0.0068
ECWU2682◻C9
4.8
3.3
1.4
E1
0.0082
ECWU2822◻C9
4.8
3.3
1.4
E1
0.010
ECWU2103◻C9
4.8
3.3
1.4
E1
0.012
ECWU1123◻C9
4.8
3.3
1.4
E1
3000
ECWU2123◻C9
4.8
3.3
1.4
E1
0.015
ECWU1153◻C9
4.8
3.3
1.4
E1
ECWU2153◻C9
4.8
3.3
1.4
E1
0.018
ECWU1183◻C9
4.8
3.3
1.4
E1
ECWU2183◻C9
4.8
3.3
2.0
E2
0.022
ECWU1223◻C9
4.8
3.3
1.4
E1
ECWU2223◻C9
4.8
3.3
2.0
E2
0.027
ECWU1273◻C9
4.8
3.3
1.4
E1
ECWU2273◻C9
4.8
3.3
2.4
E3a
2000
0.033
ECWU1333◻C9
4.8
3.3
1.4
E1
ECWU2333◻C9
4.8
3.3
2.8
E3
0.039
ECWU1393◻C9
4.8
3.3
1.4
E1
ECWU2393◻C9
6.0
4.1
2.0
D2
3000
0.047
ECWU1473◻C9
4.8
3.3
2.0
E2
ECWU2473◻C9
6.0
4.1
2.4
D3
2000
0.056
ECWU1563◻C9
4.8
3.3
2.0
E2
ECWU2563◻C9
6.0
4.1
2.8
D4
0.068
ECWU1683◻C9
4.8
3.3
2.4
E3a
2000
ECWU2683◻C9
6.0
4.1
3.2
D5
0.082
ECWU1823◻C9
4.8
3.3
2.8
E3
ECWU2823◻C9
6.0
5.0
3.2
B
1500
0.10
ECWU1104◻C9
6.0
4.1
1.8
D1
3000
ECWU2104◻C9
6.0
5.0
3.8
B
ECWU1104V33
4.8
3.3
2.8
E3
2000
0.12
ECWU1124◻C9
6.0
4.1
2.4
D3
ECWU2124◻C9
6.0
5.0
4.5
B
0.15
ECWU1154◻C9
6.0
4.1
2.8
D4
0.18
ECWU1184KC9
7.1
5.0
2.0
Z
1500
0.22
ECWU1224KC9
7.1
5.0
2.4
Z
0.27
ECWU1274KC9
7.1
5.0
2.9
Z
0.33
ECWU1334KC9
7.1
5.0
3.5
Z
0.39
ECWU1394KCV
7.7
5.5
3.4
x
1000
0.47
ECWU1474KCV
7.7
5.5
4.0
x
0.56
ECWU1564KCV
9.8
6.3
3.0
V
0.68
ECWU1684KCV
9.8
6.3
3.6
V
0.82
ECWU1824KCV
9.8
6.3
4.3
V
1.0
ECWU1105KCV
9.8
6.3
5.1
V
Size code
LW
H
E1
4.8
3.3
1.4
E2
4.8
3.3
2.0
E3a
4.8
3.3
2.4
E3
4.8
3.3
2.8
D1
6.0
4.1
1.8
D2
6.0
4.1
2.0
D3
6.0
4.1
2.4
D4
6.0
4.1
2.8
D5
6.0
4.1
3.2
B
6.0
5.0
Z
7.1
5.0
X
7.7
5.5
V
9.8
6.3
✽ ◻ : Capacitance tolerance
Unit : mm
✽ Refer to the column
“Rating, Dimensions & Quantity”.
Refer to the page of taping specifications
Capacitance tolerance : ±5 %(J), ±10 %(K)
Taping specification for automatic mounting
Rating · Dimensions · Quantity
Construction
Dimensions
Feb. 2016
01


Similar Part No. - ECWU1123C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1123C9 PANASONIC-ECWU1123C9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU1123C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com