Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2062 Datasheet(PDF) 1 Page - MTRONPTI

Part # PA2062
Description  Suitable for all modulations standards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PA2062 Datasheet(HTML) 1 Page - MTRONPTI

  PA2062 Datasheet HTML 1Page - MTRONPTI PA2062 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.15-230MHz, 250W, 54dB Power Amplifier
MtronPTI P/N: PA2062
FEATURES
Rack mounted system
Class AB linear LDMOS design
Instantaneous wide bandwidth
Suitable for all modulations standards
Built-in protection circuits
High reliability and ruggedness
ELECTRICAL SPECIFICATIONS
Parameter
Specification
Notes
Operating Frequency Range
0.15 - 230 MHz
Power Output
250 Watt Min
CW
Power Gain
54 dB Min
Power Gain Flatness
4 dB p-p Max
Input Return Loss
10 dB Min
Relative to 50 Ohm
2-Tone Intermodulation (IMD)
30 dBc Typ
44dBm/Tone, Δ = 1MHz
Harmonics
20 dBc Min
Non Harmonic Spurious
60 dBc Min
Operating Voltage
100 - 240 VAC
AC Power Consumption
1200 Watt
At rated Pout
Max Input Power
+8 dBm
Without damage
Load VSWR Protection
∞ : 1
ENVIRONMENTAL CHARACTERISTICS
Parameter
Specification
Notes
Operating Ambient Temperature
0 to +50 °C
Storage Temperature
-20 to +85 °C
Relative Humidity
5 to 95 %
Non Condensing
Shock & Vibration
MIL-STD-810F
MECHANICAL SPECIFICATIONS
Parameter
Specification
Notes
Dimensions W x H x D
430 x 133 x 560 mm
3U - 19” rack mount
Weight
20 Kg. Max
RF Connectors In/Out
Type-N Female
AC Power
IEC 60320-C14 / 9-Pin D-Sub
Or equivalent
Cooling
Built in Fan Cooling
Variable speed, front to rear
OPTIONAL: Digital Monitor & Control
FWD, REV, VSWR, GAIN, ALC, V & I, TEMP
Ethernet RJ-45 TCP/IP, RS422/485, GPIB
Interface
Remote Bluetooth application


Similar Part No. - PA2062

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA2064X1 MTRONPTI-PA2064X1 Datasheet
238Kb / 2P
   Suitable for all modulations standards
logo
List of Unclassifed Man...
PA2068 ETC2-PA2068 Datasheet
69Kb / 1P
   RJ50 VP Die (10P10C)
More results

Similar Description - PA2062

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA4020D MTRONPTI-PA4020D Datasheet
344Kb / 2P
   Suitable for all modulations standards
PA3038 MTRONPTI-PA3038 Datasheet
243Kb / 2P
   Suitable for all modulations standards
PA3111V1 MTRONPTI-PA3111V1 Datasheet
164Kb / 2P
   Suitable for all modulations standards
PA7003 MTRONPTI-PA7003 Datasheet
231Kb / 2P
   Suitable for all modulations standards
PA7004 MTRONPTI-PA7004 Datasheet
230Kb / 2P
   Suitable for all modulations standards
PA1064 MTRONPTI-PA1064 Datasheet
178Kb / 2P
   Suitable for all modulations standards
PA2064X1 MTRONPTI-PA2064X1 Datasheet
238Kb / 2P
   Suitable for all modulations standards
PA20X3-1 MTRONPTI-PA20X3-1 Datasheet
344Kb / 2P
   Suitable for all modulations standards
PA4037 MTRONPTI-PA4037 Datasheet
159Kb / 2P
   Suitable for all modulations standards
PA1086 MTRONPTI-PA1086 Datasheet
383Kb / 2P
   Suitable for all modulations standards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com