Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2071-1 Datasheet(PDF) 1 Page - MTRONPTI

Part # PA2071-1
Description  Suitable for AM, FM, Pulse and other modulations standards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PA2071-1 Datasheet(HTML) 1 Page - MTRONPTI

  PA2071-1 Datasheet HTML 1Page - MTRONPTI PA2071-1 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
220-1000MHz, 500W, 57dB SOLID STATE POWER AMPLIFIER
MtronPTI P/N: PA2071-1
FEATURES
Rack mounted system
Class AB linear LDMOS design
Instantaneous wide bandwidth
Suitable for AM, FM, Pulse and other modulations standards
Built-in protection circuits
High reliability and ruggedness
ELECTRICAL SPECIFICATIONS
Parameter
Specification
Notes
Operating Frequency Range
220 - 1000 MHz
Power Output @ Saturation
500 Watt Min
CW
Power Output @ P1dB Gain Compression
400 Watt Typ
Power Gain
57 dB Min
Pin=0dBm for nominal Pout
Power Gain Flatness
3.0 dB p-p Max
Input Return Loss
10 dB Min
Relative to 50 Ohm
2-Tone Intermodulation (IMD / IP3)
-30 dBc Min
47dBm/Tone, Δ = 1MHz
Noise Figure
8 dB Max
Harmonics
>20 dBc
Non Harmonic Spurious
>60 dBc
Operating Voltage
180 - 240 VAC Single Phase
50/60Hz
Power Consumption
2500 Watt Max
At rated Pout
Max Input Power
+8 dBm
Without damage
Load VSWR Protection
6 : 1 Max
ENVIRONMENTAL CHARACTERISTICS
Parameter
Specification
Notes
Operating Ambient Temperature
0 to +50 °C
Storage Temperature
-40 to +85 °C
Relative Humidity
5 to 95 %
Non Condensation
MECHANICAL SPECIFICATIONS
Parameter
Specification
Notes
Dimensions W x H x D
430 x 222 x 560 mm
5U rack mount
Weight
40 Kg. Max
RF Connectors In/Out
Type-N Female
AC Power / Monitoring Connectors
IEC 60320-C14 / 9 Pin D-Sub
Or equivalent
Safety Interlock Connector
15-Pin Subminiature D-Sub
Cooling
Built in Fan Cooling
Variable speed
OPTIONAL: Digital Monitor & Control
FWD, REV, VSWR, GAIN, ALC, V & I, TEMP
Ethernet RJ-45 TCP/IP,RS-232 USB 2.0,
GPIB/IEEE Interface
Remote Bluetooth application


Similar Part No. - PA2071-1

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2070 PROTEC-PA2070 Datasheet
110Kb / 6P
   LoPro??DPDT 400MHz Switch
logo
Pulse A Technitrol Comp...
PA2070NL PULSE-PA2070NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
More results

Similar Description - PA2071-1

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA4020D MTRONPTI-PA4020D Datasheet
344Kb / 2P
   Suitable for all modulations standards
PA3038 MTRONPTI-PA3038 Datasheet
243Kb / 2P
   Suitable for all modulations standards
PA3111V1 MTRONPTI-PA3111V1 Datasheet
164Kb / 2P
   Suitable for all modulations standards
PA7003 MTRONPTI-PA7003 Datasheet
231Kb / 2P
   Suitable for all modulations standards
PA7004 MTRONPTI-PA7004 Datasheet
230Kb / 2P
   Suitable for all modulations standards
PA1064 MTRONPTI-PA1064 Datasheet
178Kb / 2P
   Suitable for all modulations standards
PA2062 MTRONPTI-PA2062 Datasheet
262Kb / 2P
   Suitable for all modulations standards
PA2064X1 MTRONPTI-PA2064X1 Datasheet
238Kb / 2P
   Suitable for all modulations standards
PA20X3-1 MTRONPTI-PA20X3-1 Datasheet
344Kb / 2P
   Suitable for all modulations standards
PA4037 MTRONPTI-PA4037 Datasheet
159Kb / 2P
   Suitable for all modulations standards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com