Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU1333C9 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWU1333C9
Description  Plastic Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1333C9 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWU1333C9 Datasheet HTML 1Page - Panasonic Semiconductor ECWU1333C9 Datasheet HTML 2Page - Panasonic Semiconductor ECWU1333C9 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
1
2
3
4
5
6
7
8
9
10
11
E
C
W
U
12
C
Product code
Dielectric &
construction
Rated voltage
Cap. Tol.
Suffix
Suffix
Capacitance
Code
9
V
Tape width
12 mm
16 mm
J
K
±5 %
±10 %
2
250 V.DC
1
100 V.DC
1
2
3
4
5
6
7
8
9
10
11
E
C
W
U
1104
V3
3
Product code
Dielectric &
construction
Rated voltage
Capacitance
Suffix
1
100 V.DC
Small in size, Cap. Tol. : ±5 %, Tape width : 12 mm
1
2
3
4
5
6
7
8
9
10
11
E
C
W
U
C
2J
12
JV
Product code
Dielectric &
construction
Rated voltage
Cap. Tol.
Suffix
Suffix
Capacitance
Code
V
Tape width
16 mm
J
±5 %
2J 630 V.DC
Stacked metallized PEN film as dielectric with simple
mold-less construction
Stacked Metallized PEN
Film Chip Capacitor
Type : ECWU(C)
Category temp. range
(Including temperature-rise on unit surface)
– 55 °C to +125 °C
Rated voltage
100 V.DC, 250 V.DC, 630 V.DC (Derating of rated voltage by 1.25 %/°C more than 85 °C)
Capacitance range
100 V.DC
0.012 μF to 1.0 μF (E12)
250 V.DC
0.0010 μF to 0.12 μF (E12)
630 V.DC
0.022 μF, 0.027 μF, 0.033 μF
Capacitance tolerance
100 V.DC
±5 %(J), ±10 %(K) (C
> 0.18 μF : ±10 %(K) Only)
250 V.DC
±5 %(J), ±10 %(K)
630 V.DC
±5 %(J)
Dissipation factor (tan
d)
tan
d < 1.0 % (20 °C, 1 kHz)
Withstand voltage
Between terminals : Rated volt. (V.DC)
×150 %, 60 s
Insulation resistance (IR)
C
< 0.33 μF 100 V.DC, 250 V.DC, 630 V.DC : IR > 3000 MΩ (20 °C, 100 V.DC, 60 s)
C > 0.33 μF
100 V.DC : IR
> 1000 MΩ∙μF (20 °C, 100 V.DC, 60 s)
Soldering conditions
100 V.DC
250 V.DC
Reflow soldering : 250 °C max. and 60 s max. at more than 220 °C
(Temp. at capacitor surface)
630 V.DC
Reflow soldering : 250 °C max. and 60 s to 150 s. at more than 217 °C (Temp. at cap. surface)
✽ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
✽ Please consult us for capacitance range between 0.15 μF and 1.0 μF. (250 V.DC)
Small in size
For reflow soldering
RoHS directive compliant
General purpose (Coupling, By-pass)
Features
Recommended applications
Explanation of part number
Specifications
Feb. 2016
01


Similar Part No. - ECWU1333C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1333C9 PANASONIC-ECWU1333C9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU1333C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com