Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULD0691G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULD0691G-SH2-R
Description  CMOS IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD0691G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULD0691G-SH2-R Datasheet HTML 1Page - Unisonic Technologies ULD0691G-SH2-R Datasheet HTML 2Page - Unisonic Technologies ULD0691G-SH2-R Datasheet HTML 3Page - Unisonic Technologies ULD0691G-SH2-R Datasheet HTML 4Page - Unisonic Technologies ULD0691G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ULD0691
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R125-036.E
ABSOLUTE MAXIMUM RATING (Ambient temperature is 27°C if there is no special instruction)
PARAMETER
SYMBOL
RATINGS
UNIT
ESD Voltage Withstand
VESD
>2000
V
Operating Temperature
TOPR
-20 ~ +125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ambient temperature is 27°C if there is no special instruction)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT1 Input Voltage
VOUT1
6.5
V
Output Current
IOUT
10
60
V
REXT Port Voltage
VREXT
VOUT1=VOUT4=10V
0.9
V
OUT1/ OUT2 Port Withstand Voltage
VDS_BV1
IOUT1=IOUT2=0
400
V
OUT3/ OUT4 Port Withstand Voltage
VDS_BV2-4
IOUT3=IOUT4=0
250
V
IOUT Accuracy
dIOUT
IOUT=10~50mA
±5
%
Over-Temperature Protection Point (Note 1)
TSC
110
°C
Note: When the junction temperature is over 110°C, the output current of ULD0691 will be reduced.


Similar Part No. - ULD0691G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULD0611G-SH2-R UTC-ULD0611G-SH2-R Datasheet
179Kb / 6P
   CMOS IC
More results

Similar Description - ULD0691G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
   CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
   CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
   CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
   CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
   CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
   CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
   CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
   CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   CMOS IC
M7240 UTC-M7240_15 Datasheet
211Kb / 7P
   CMOS IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com