Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8540B15FN-IAST2G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8540B15FN-IAST2G
Description  SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8540B15FN-IAST2G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8540B15FN-IAST2G Datasheet HTML 7Page - Seiko Instruments Inc S-8540B15FN-IAST2G Datasheet HTML 8Page - Seiko Instruments Inc S-8540B15FN-IAST2G Datasheet HTML 9Page - Seiko Instruments Inc S-8540B15FN-IAST2G Datasheet HTML 10Page - Seiko Instruments Inc S-8540B15FN-IAST2G Datasheet HTML 11Page - Seiko Instruments Inc S-8540B15FN-IAST2G Datasheet HTML 12Page - Seiko Instruments Inc S-8540B15FN-IAST2G Datasheet HTML 13Page - Seiko Instruments Inc S-8540B15FN-IAST2G Datasheet HTML 14Page - Seiko Instruments Inc S-8540B15FN-IAST2G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
11
2.
Soft-start function
The S-8540/8541 series has a built-in soft-start circuit. This circuit enables the output voltage to rise
gradually over the specified soft-start time to suppress the overshooting of the output voltage and the
rush current from the power source when the power is switched on or the power-off pin is set to "H"
The soft-start function of this IC, however, can not suppress rush current to the load completely (Refer
to Figure 9). The rush current is affected by the input voltage and the load. Please evaluate the rush
current under the actual test condition.
time (1 ms/div)
VOUT
(1 V/div)
Rush current
(0.5 A/div)
0 V
3.0 V
0 A
1 A
S-8540A33FN (VIN
= VON /OFF = 0 → 5 V)
Figure 9 Waveforms of output voltage and rush current at soft-start
The soft-start function of the IC is achieved by raising internal reference voltage gradually, which is
caused by the raising of shutdown pin voltage through RC components (RSS and CSS) connected to
shutdown pin.
A soft-start time (tSS) is changed by RSS, CSS and the input voltage V ON/OFF to RSS.
tSS is calculated from the following formula:
tSS [ms]=R [k
Ω] × C [μF] × In (V ON/OFF [V] / (V ON/OFF [V] − 1.8))
e.g. When RSS = 220 k
Ω, CSS = 0.047 μF, V ON/OFF = 2.7 V , then tSS = 11.4 ms.


Similar Part No. - S-8540B15FN-IAST2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540B00FN-IMAT2G SII-S-8540B00FN-IMAT2G Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540B00FN-IMAT2z SII-S-8540B00FN-IMAT2z Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8540B15FN-IAST2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com