Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6021 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # CBT-BGA-6021
Description  Automated probe manufacturing enables low cost and short lead time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6021 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CBT-BGA-6021 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6021 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6021 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6021 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
32.60
32.225
15.050
14.675
11.243±0.025
11.430±0.025
9.7825
12.3225
14.863
14.863
2X
0.850 THRU ALL
4X
1.700±0.100 THRU ALL
22.86
1.270 Typ.
0.610 xPAD
A1 Corner
0.035 A B
0.025 A B
Note: BGA pattern is not symmetrical
with respect to the mounting holes.
It is offset by 0.375mm to the right of
center with respect to the mounting
holes.
Recommended PCB Layout
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: same or higher than solder mask
SHEET 2 OF 4
SCALE: 3:1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001"], PCB perimeters ±0.13mm [±0.005"], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: CBT-BGA360 19x19 array 25x25 mm 1.27mm pitch
Primary dimension units are millimeters, Secondary dimension units are [inches].
CBT-BGA-6021 Drawing
STATUS: Released
DRAWN BY: V. Panavala
File: CBT-BGA-6021
REV. A
DATE: 4/23/2012
FINISH:
MATERIAL:
WEIGHT: 176.29


Similar Part No. - CBT-BGA-6021

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6020 IRONWOOD-CBT-BGA-6020 Datasheet
365Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6022 IRONWOOD-CBT-BGA-6022 Datasheet
414Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6023 IRONWOOD-CBT-BGA-6023 Datasheet
364Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6024 IRONWOOD-CBT-BGA-6024 Datasheet
565Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6025 IRONWOOD-CBT-BGA-6025 Datasheet
628Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6021

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com