Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6024 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-6024
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6024 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-6024 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6024 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6024 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6024 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6024 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
9
10
6
5
7
15
2
18
1
11
20
12
13
14
17
8
21
3
4
19
16
22
18.725
13.725
1.70
3
2.50
Insulation plate Specification
0.75
2
ITEM
NO.
Description
Material
1
CBT Socket Base 11mm
7075-T6 Aluminum Alloy
2
CBT Compression Plate 10mm IC
7075-T6 Aluminum Alloy
3
Middle guide BGA144 0.8mm pitch 12x12 array
Semitron MDS 100
4
Bottom guide BGA144 0.8mm pitch 12x12 array
Semitron MDS 100
5
Clam Shell Socket Lid 10mm IC
7075-T6 Aluminum Alloy
6
M6x1 fluted knob compression screw 4.25mm thru hole
7075-T6 Aluminum Alloy
7
Latch 6- 10mm Ni plated
7075-T6 Aluminum Alloy
8
Floating Guide Spring
Alloy Steel (SS)
9
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
10
Spring Clamshell lid assembly
Steel Music Wire
11
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
12
#0-80 x 0.5, SH Cap Screw
Alloy Steel
13
#0-80X0.25", 90 deg., head pin guide screw, Peek
material
PEEK unfilled
14
Hinge Pin and Snap Ring, 2mm OD, 19mm long, SS
Stainless Steel (ferritic)
15 Precision Compression Spring, Zinc-Plated Music Wire, 1/2"
Length, .12" OD, .016" Wire
Zinc Plated Music Wire
16
Backing Plate 11mm IC mmm thick,
7075-T6 Alumium Alloy
17
5 post Insulation Plate 11mm IC
Ultem 1000
18
BGA144 IC 10mm 0.8mm 12x12 array
Material <not specified>
19
PCB 0.8mm pitch 12x12 array
High Temp FR4
20
Floating guide BGA144 0.8mm pitch 12x12 array
PEEK Ceramic filled
21
IC Guide 10mm IC with posts
Torlon 4203
22
SBT Pin, SBT-BGA 0.5mm-0.8mm
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. D
DATE: 8/27/2012
Material: N/A
Finish: N/A
Weight: 39.50
CBT-BGA-6024 Drawing
SCALE: 2:1
SHEET: 4 OF 5
ENG: V. Panavala
FILE: CBT-BGA-6024
DRAWN BY: V. Panavala


Similar Part No. - CBT-BGA-6024

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6020 IRONWOOD-CBT-BGA-6020 Datasheet
365Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6021 IRONWOOD-CBT-BGA-6021 Datasheet
404Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6022 IRONWOOD-CBT-BGA-6022 Datasheet
414Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6023 IRONWOOD-CBT-BGA-6023 Datasheet
364Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6025 IRONWOOD-CBT-BGA-6025 Datasheet
628Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6024

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com