Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EECS5R5155N Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EECS5R5155N
Description  Electric Double Layer Capacitors (Gold Capacitor)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EECS5R5155N Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EECS5R5155N Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Electric Double Layer Capacitors (Gold Capacitor)
+
f19.0±0.3
1.0±0.1
0.20±0.05
5.0±0.5
5.5±0.5
20.5 max.
Sleeve
20.0±0.5
f19.0±0.3
1.0±0.1
0.2±0.05
Endurance : +70 °C 1000 h
Category temperature range : –40 °C to +70 °C
Maximum height of 6.5 mm (H Terminal)
RoHS compliant
Memory back-up for video and audio equipment, cameras, telephones, printers, data terminals,
rice cookers and intelligent remote controls
Stacked Coin Type
Series :
SG Low temperature assured product
Features
Recommended applications
Specifications
Characteristics list
(Unit : mm)
(Unit : mm)
Dimensions in mm(not to scale)
Category temp. range
–40 °C to +70 °C
Maximum operating voltage
5.5 V.DC
Nominal cap.range
0.47 F to 1.5 F
Characteristics at
low temperature
Capacitance change ±30 % of initial measured value at +20 °C (at –40 °C)
Internal resistance
< 7 times of initial measured value at +20 °C (at –40 °C)
Endurance
After 1000 hours application of 5.5 V.DC at +70 °C, the capacitor shall meet the following limits.
Capacitance change ±30 % of initial measured value
Internal resistance
< 4 times of initial specified value
Shelf life
After 1000 hours storage at +70 °C without load, the capacitor shall meet the specified
limits for Endurance.
Terminal: V
Terminal: H
( ) Please use V or H, to indicate the terminal style.
✽1 The recommended discharge current is a reference value. Please design your equipment(circuit) in consideration of IR drop.
Do not use reflow soldering. Please refer to the page of “Application guidelines”.
Category
temp.
range
(°C)
Maximum
operating
voltage
(V.DC)
Capacitance
(F)
Capacitance
tolerance
(F)
Internal
resistance
(Initial specified value)
(
Ω) at 1 kHz
Recommended
1
discharge current
(mA)
Parts number
Mass
(Reference value)
(g)
Min.
packaging
q'ty
(pcs)
–40 to +70
5.5
0.47
0.376 to 1.41
< 30
1 or less
EECS5R5( )474N
4.1
100
1.0
0.80
to 1.80
< 30
1 or less
EECS5R5( )105N
4.1
100
1.5
1.20
to 2.70
< 30
1 or less
EECS5R5( )155N
4.2
100
Aug. 2016
02


Similar Part No. - EECS5R5155N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECS5R5155 PANASONIC-EECS5R5155 Datasheet
49Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SG
EECS5R5155 PANASONIC-EECS5R5155 Datasheet
49Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SG
EECS5R5155 PANASONIC-EECS5R5155 Datasheet
47Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SG
EECS5R5155 PANASONIC-EECS5R5155 Datasheet
42Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
More results

Similar Description - EECS5R5155N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECF5R5H104N PANASONIC-EECF5R5H104N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224HN PANASONIC-EECRG0V224HN Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
ABC0000CE19 PANASONIC-ABC0000CE19 Datasheet
58Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224H PANASONIC-EECRG0V224H Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224H PANASONIC-EECS0HD224H Datasheet
213Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECF5R5U224N PANASONIC-EECF5R5U224N Datasheet
42Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224N PANASONIC-EECS0HD224N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECSE0H224N PANASONIC-EECSE0H224N Datasheet
52Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS5R5H474N PANASONIC-EECS5R5H474N Datasheet
212Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRF0H104N PANASONIC-EECRF0H104N Datasheet
43Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224N PANASONIC-EECRG0V224N Datasheet
47Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com