Electronic Components Datasheet Search |
|
LA5632 Datasheet(PDF) 3 Page - Sanyo Semicon Device |
|
LA5632 Datasheet(HTML) 3 Page - Sanyo Semicon Device |
3 / 6 page No. 5998-3/6 LA5632 Parameter Symbol Conditions Ratings Unit min typ max [B.BAK Regulator Block] VCC = 10 V, IBAK = 60 mA Output voltage VO BAK 3.13 3.3 3.47 V Dropout voltage VDROP BAK 2 2.5 V Line regulation ∆VOLN BAK VCC = 6.25 to 12 V 200 mV Load regulation ∆VOLD BAK IBAK = 5 to 60 mA 200 mV Peak output current IOP BAK 60 84 mA Output shorted current IOSC BAK 60 180 mA Current drain IQ BAK 15 24 mA [P.DOWN Detection Circuit] VCC = 10 V Threshold voltage VTH P.DOWN 3.0 3.16 3.32 V Residual voltage Vsat P.DOWN With the cd1 pin shorted 200 mV P.DOWN pin current = 1 mA Delay time td1 cd1 = 1 µF 75 100 125 ms [S.RESET Block] VCC = 0 V, B.BAK = 3.3 V Threshold voltage1 VTH1 S.RESET 2.56 2.7 2.84 V Threshold voltage2 VTH2 S.RESET 1.9 2.0 2.1 V Reset output undefined voltage VUNS S.RESET 1.4 Backup mode current drain IIN1 BAK B.BAK = 3.1 V 3.5 5 µA Low-level output current drain IIN2 BAK B.BAK = 1.8 V 0.36 mA Residual voltage Vsat S.RESET With the cd2 pin shorted 200 mV S.RESET pin current = 0.2 mA Delay time td2 cd2 = 1 µF 75 100 125 ms [AC Detection Circuit] VCC = 10 V Threshold voltage VTH AC 0.5 0.7 0.9 V [STBY Detection Circuit] VCC = 10 V Threshold voltage VTH STBY 1.3 1.8 2.3 V Continued from preceding page. |
Similar Part No. - LA5632 |
|
Similar Description - LA5632 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |