Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5632 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA5632
Description  Multiple Power Supply System Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5632 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA5632 Datasheet HTML 1Page - Sanyo Semicon Device LA5632 Datasheet HTML 2Page - Sanyo Semicon Device LA5632 Datasheet HTML 3Page - Sanyo Semicon Device LA5632 Datasheet HTML 4Page - Sanyo Semicon Device LA5632 Datasheet HTML 5Page - Sanyo Semicon Device LA5632 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pin Assignment
No. 5998-4/6
LA5632
1
2
3
4
5
6
7
8
9
10
11
12
LA5632
A11324
Block Diagram
To the microcontroller
Note: Use capacitors with low capacitance temperature coefficients for all capacitors.
3
VCC
9
P.DOWN
8
CD1
2
STBY
7
AC
12
S.RESET
1
PH5
6
B.BAK
4
ANA5
5
SYS3.3
10
GND
10 k
1000 pF
1
µF
100
µF
11
CD2
1
µF
100 k
1000 pF
B.BAK
22 k
1 k
1 k
10
µF
100
100
µF
100
µF
100
µF
10
µF
3.3 V
VREF
A11325
Delay circuit
Microcontroller
To SYS3.3
Delay circuit
To the microcontroller


Similar Part No. - LA5632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5636M SANYO-LA5636M Datasheet
365Kb / 7P
   DC/DC Converter Secondary Side Control IC
More results

Similar Description - LA5632

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
logo
Sanyo Semicon Device
LA5620 SANYO-LA5620 Datasheet
67Kb / 4P
   Regulator for Multiple Power Supply Systems
logo
ON Semiconductor
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
   System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com